Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBA1J4AL Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # FBA1J4AL
Description  Multilayer Ferrite Chip Bead Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

FBA1J4AL Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  FBA1J4AL Datasheet HTML 1Page - KOA Speer Electronics, Inc. FBA1J4AL Datasheet HTML 2Page - KOA Speer Electronics, Inc. FBA1J4AL Datasheet HTML 3Page - KOA Speer Electronics, Inc. FBA1J4AL Datasheet HTML 4Page - KOA Speer Electronics, Inc. FBA1J4AL Datasheet HTML 5Page - KOA Speer Electronics, Inc. FBA1J4AL Datasheet HTML 6Page - KOA Speer Electronics, Inc. FBA1J4AL Datasheet HTML 7Page - KOA Speer Electronics, Inc. FBA1J4AL Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5. Standard Applications
FBA1J4ATE300P
30
0.1
200
FBA1J4ATE600P
60
0.25
400
FBA1J4ATE121P
120
0.3
350
FBA1J4ATE221P
220
0.3
250
FBA1J4ATE301P
300
0.4
250
FBA1J4ATE601P
600
0.5
100
FBA1J4ATE102P
1,000
0.7
200
FBA1J4BTE121P
120
0.5
100
FBA1J4BTE221P
220
0.55
100
FBA1J4BTE471P
470
0.55
100
FBA1J4BTE601P
600
0.65
100
Impedance
@ 100MHz
Maximum DC
Resistance
Allowable
DC Current
(mA)
Operating
Temperature
-55°C
to
125°C
Ordering
Code
4. Ordering and Specifying Information*
* Please note: KSE’s part numbers do not contain any spaces or hyphens.
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 2 OF 8
KOA SPEER ELECTRONICS, INC.
SS-224 R5
FBA1J4BTE600P
60
0.3
350
FBA1J4BTE100P
10
0.15
200
FBA1J4BTE220P
22
0.25
200
FBA1J4BTE470P
47
0.3
150
Size
Tolerance
Impedance
1J
(0603)
P: ±25%
2 significant
figure + 1
multipler
Ex: 300 = 30
1J
P
300
Packaging
TE: 7" Embossed
Plastic
3000 pcs/reel
TE
Circuits
Number of
Circuits
4
FBA
Type
Characteristics
A: Standard
B: High Speed
A
Termination
Material
T: Sn
L: SnPb
T


Similar Part No. - FBA1J4AL

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
FBA1J4AT KOA-FBA1J4AT Datasheet
98Kb / 3P
   ferrite bead array
FBA1J4ATTE102P KOA-FBA1J4ATTE102P Datasheet
98Kb / 3P
   ferrite bead array
FBA1J4ATTE121P KOA-FBA1J4ATTE121P Datasheet
98Kb / 3P
   ferrite bead array
FBA1J4ATTE221P KOA-FBA1J4ATTE221P Datasheet
98Kb / 3P
   ferrite bead array
FBA1J4ATTE300P KOA-FBA1J4ATTE300P Datasheet
98Kb / 3P
   ferrite bead array
More results

Similar Description - FBA1J4AL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILAS-1206 VISHAY-ILAS-1206 Datasheet
118Kb / 3P
   Chip Array Ferrite Bead
Revision: 16-Jan-06
logo
List of Unclassifed Man...
BF-LC100505-100Y-T ETC2-BF-LC100505-100Y-T Datasheet
24Kb / 1P
   Multilayer Ferrite Chip Bead
BF-NB100505-060Y-T ETC2-BF-NB100505-060Y-T Datasheet
27Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Caliber Electronics Inc...
BF-SB100505 CALIBER-BF-SB100505 Datasheet
31Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Abracon Corporation
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0603 ABRACON-ACML-0603 Datasheet
2Mb / 4P
   MULTILAYER FERRITE CHIP BEAD
01.19.14
logo
Caliber Electronics Inc...
BF-NB100505 CALIBER-BF-NB100505 Datasheet
28Kb / 1P
   Multilayer Ferrite Chip Bead
BF-LC100505 CALIBER-BF-LC100505 Datasheet
25Kb / 1P
   Multilayer Ferrite Chip Bead
logo
List of Unclassifed Man...
BF-SB100505-121Y-T ETC2-BF-SB100505-121Y-T Datasheet
30Kb / 1P
   Multilayer Ferrite Chip Bead
ZFB-0603H-121N ETC-ZFB-0603H-121N Datasheet
284Kb / 13P
   Multilayer Ferrite Chip Bead
V 1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com