Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSTS750 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSTS750
Description  GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSTS750 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSTS750 Datasheet HTML 1Page - Vishay Siliconix TSTS750 Datasheet HTML 2Page - Vishay Siliconix TSTS750 Datasheet HTML 3Page - Vishay Siliconix TSTS750 Datasheet HTML 4Page - Vishay Siliconix TSTS750 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSTS750.
Vishay Telefunken
2 (5)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81049
Basic Characteristics
Tamb = 25_C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Forward Voltage
IF = 100 mA, tp x 20 ms
VF
1.3
1.7
V
Breakdown Voltage
IR = 100 mA
V(BR)
5
V
Junction Capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
30
pF
Radiant Power
IF = 100 mA, tp x 20 ms
fe
7
mW
Temp. Coefficient of
fe
IF = 100 mA
TKfe
–0.8
%/K
Angle of Half Intensity
ϕ
±30
deg
Peak Wavelength
IF = 100 mA
lp
950
nm
Spectral Bandwidth
IF = 100 mA
Dl
50
nm
Rise Time
IF = 1.5 A, tp/T = 0.01,
tp x 10 ms
tr
400
ns
Fall Time
IF = 1.5 A, tp/T = 0.01,
tp x 10 ms
tf
400
ns
Type Dedicated Characteristics
Tamb = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Radiant Intensity
IF=100mA, tp=20ms
TSTS7500
Ie
1.25
1.6
mW/sr
y
F
TSTS7501
Ie
1.6
2.5
3.2
mW/sr
TSTS7502
Ie
2.5
4
5
mW/sr
TSTS7503
Ie
4
6.3
8
mW/sr
Typical Characteristics (Tamb = 25_C unless otherwise specified)
0
25
50
75
100
0
200
400
600
Tamb – Ambient Temperature ( °C )
125
94 8017 e
RthJA
100
300
500
RthJC
Figure 1. Power Dissipation vs. Ambient Temperature
0
20
406080
0
50
100
150
200
300
Tamb – Ambient Temperature ( °C )
100
94 8018 e
RthJC
250
RthJA
Figure 2. Forward Current vs. Ambient Temperature


Similar Part No. - TSTS750

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSTS7500 VISHAY-TSTS7500 Datasheet
146Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.8, 04-Sep-08
TSTS7500 VISHAY-TSTS7500 Datasheet
139Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2022
TSTS7500 VISHAY-TSTS7500 Datasheet
139Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2023
TSTS7500 VISHAY-TSTS7500_08 Datasheet
146Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.8, 04-Sep-08
TSTS7500 VISHAY-TSTS7500_V01 Datasheet
139Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2022
More results

Similar Description - TSTS750

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
logo
Seme LAB
2N2412X SEME-LAB-2N2412X Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
BFY74 SEME-LAB-BFY74 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO18
2N3007 SEME-LAB-2N3007 Datasheet
14Kb / 1P
   Bipolar NPNP Device in a Hermetically sealed TO18
2N3250A SEME-LAB-2N3250A Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
CV7477 SEME-LAB-CV7477 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com