Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3526LEDC-TRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3526LEDC-TRPBF
Description  550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm2mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526LEDC-TRPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC3526LEDC-TRPBF Datasheet HTML 1Page - Linear Technology LTC3526LEDC-TRPBF Datasheet HTML 2Page - Linear Technology LTC3526LEDC-TRPBF Datasheet HTML 3Page - Linear Technology LTC3526LEDC-TRPBF Datasheet HTML 4Page - Linear Technology LTC3526LEDC-TRPBF Datasheet HTML 5Page - Linear Technology LTC3526LEDC-TRPBF Datasheet HTML 6Page - Linear Technology LTC3526LEDC-TRPBF Datasheet HTML 7Page - Linear Technology LTC3526LEDC-TRPBF Datasheet HTML 8Page - Linear Technology LTC3526LEDC-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3526L/LTC3526LB
2
3526lfb
VIN Voltage................................................... –0.3V to 6V
SW Voltage
DC............................................................ –0.3V to 6V
Pulsed <100ns......................................... –0.3V to 7V
⎯S⎯H⎯D⎯N, FB Voltage ........................................ –0.3V to 6V
VOUT............................................................. –0.3V to 6V
Operating Temperature Range
(Notes 2, 5).............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
(Note 1)
The denotes the specifications which apply over the specified operating
temperature range of –40°C to 85°C, otherwise specifications are at TA = 25°C. VIN = 1.2V, VOUT = 3.3V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Start-Up Input Voltage
ILOAD = 1mA
0.68
0.8
V
Input Voltage Range
After Start-Up. (Minimum Voltage is Load Dependent)
0.5
5
V
Output Voltage Adjust Range
1.5
5.25
V
Feedback Pin Voltage
1.165
1.195
1.225
V
Feedback Pin Input Current
VFB = 1.30V
1
50
nA
Quiescent Current—Shutdown
V⎯S⎯H⎯D⎯N = 0V, Not Including Switch Leakage, VOUT = 0V
0.01
1
μA
Quiescent Current—Active
Measured on VOUT, Nonswitching
250
500
μA
Quiescent Current—Burst
Measured on VOUT, FB > 1.230V (LTC3526L Only)
9
18
μA
N-Channel MOSFET Switch Leakage Current
VSW = 5V
0.1
5
μA
P-Channel MOSFET Switch Leakage Current
VSW = 5V, VOUT = 0V
0.1
10
μA
N-Channel MOSFET Switch On Resistance
VOUT = 3.3V
0.4
Ω
P-Channel MOSFET Switch On Resistance
VOUT = 3.3V
0.6
Ω
N-Channel MOSFET Current Limit
550
750
mA
Current Limit Delay to Output
(Note 3)
60
ns
Maximum Duty Cycle
VFB = 1.15V
87
90
%
Minimum Duty Cycle
VFB = 1.3V
0%
Switching Frequency
0.75
1
1.25
MHz
⎯S⎯H⎯D⎯N Pin Input High Voltage
0.8
V
⎯S⎯H⎯D⎯N Pin Input Low Voltage
0.3
V
PIN CONFIGURATION
TOP VIEW
VOUT
FB
SHDN
SW
GND
VIN
DC PACKAGE
6-LEAD (2mm × 2mm) PLASTIC DFN
7
1
2
3
6
5
4
TJMAX = 125°C, θJA = 60°C/W (NOTE 6)
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PC BOARD
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3526LEDC#PBF
LTC3526LBEDC#PBF
LTC3526LEDC#TRPBF
LTC3526LBEDC#TRPBF
LCSS
LCST
6-Lead (2mm × 2mm) Plastic DFN
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 85°C
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - LTC3526LEDC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526L LINER-LTC3526L Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3526L LINER-LTC3526L Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526L LINER-LTC3526L Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526L-2 LINER-LTC3526L-2 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3526L-2 LINER-LTC3526L-2 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
More results

Similar Description - LTC3526LEDC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3528 LINER-LTC3528 Datasheet
268Kb / 16P
   1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
LTC3526EDC LINER-LTC3526EDC Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
logo
Linear Integrated Syste...
LTC3526EDC-2 LINEAR-LTC3526EDC-2 Datasheet
286Kb / 16P
   500mA 1MHz SynchronousStep-Up DC/DC Converters in 2mm 2mm DFN
logo
Linear Technology
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3526LB LINER-LTC3526LB_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526L LINER-LTC3526L_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com