Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3707EGN-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3707EGN-PBF
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707EGN-PBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3707EGN-PBF Datasheet HTML 1Page - Linear Technology LTC3707EGN-PBF Datasheet HTML 2Page - Linear Technology LTC3707EGN-PBF Datasheet HTML 3Page - Linear Technology LTC3707EGN-PBF Datasheet HTML 4Page - Linear Technology LTC3707EGN-PBF Datasheet HTML 5Page - Linear Technology LTC3707EGN-PBF Datasheet HTML 6Page - Linear Technology LTC3707EGN-PBF Datasheet HTML 7Page - Linear Technology LTC3707EGN-PBF Datasheet HTML 8Page - Linear Technology LTC3707EGN-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC3707
3
3707fb
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
gmGBW1, 2
Transconductance Amplifier GBW
ITH1, 2 = 1.2V; (Note 4)
3
MHz
IQ
Input DC Supply Current
Normal Mode
Standby
Shutdown
(Note 5)
EXTVCC Tied to VOUT1 = 5V
VRUN/SS1, 2 = 0V, VSTBYMD > 2V
VRUN.SS1, 2 = 0V, VSTBYMD = Open
350
125
20
35
μA
μA
μA
VFCB
Forced Continuous Threshold
l
0.76
0.800
0.84
V
IFCB
Forced Continuous Pin Current
VFCB = 0.85V
–0.30
–0.18
–0.1
μA
VBINHIBIT
Burst Inhibit (Constant Frequency)
Threshold
Measured at FCB pin
4.3
4.8
V
UVLO
Undervoltage Lockout
VIN Ramping Down
l
3.5
4
V
VOVL
Feedback Overvoltage Lockout
Measured at VOSENSE1, 2
l
0.84
0.86
0.88
V
ISENSE
Sense Pins Total Source Current
(Each Channel); VSENSE1, 2– = VSENSE1+, 2+ = 0V
–90
–60
μA
VSTBYMD MS
Master Shutdown Threshold
VSTBYMD Ramping Down
0.4
0.6
V
VSTBYMD KA
Keep-Alive Power On-Threshold
VSTBYMD Ramping Up, RUNSS1, 2 = 0V
1.5
2
V
DFMAX
Maximum Duty Factor
In Dropout
98
99.4
%
IRUN/SS1, 2
Soft-Start Charge Current
VRUN/SS1, 2 = 1.9V
0.5
1.2
μA
VRUN/SS1, 2 ON RUN/SS Pin ON Threshold
VRUN/SS1, VRUN/SS2, Rising
1.0
1.5
2.0
V
VRUN/SS1, 2 LT
RUN/SS Pin Latchoff Arming
Threshold
VRUN/SS1, VRUN/SS2, Rising from 3V
4.1
4.75
V
ISCL1, 2
RUN/SS Discharge Current
Soft Short Condition VOSENSE1, 2 = 0.5V;
VRUN/SS1, 2 = 4.5V
0.5
2
4
μA
ISDLHO
Shutdown Latch Disable Current
VOSENSE1, 2 = 0.5V
1.6
5
μA
VSENSE(MAX)
Maximum Current Sense Threshold
VOSENSE1, 2 = 0.7V, VOSENSE1, 2– = 5V
l
65
62
75
75
85
88
mV
mV
TG1, 2 tr
TG1, 2 tf
TG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
60
60
110
110
ns
ns
BG1, 2 tr
BG1, 2 tf
BG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
50
50
110
100
ns
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver
80
ns
BG/TG t2D
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver
80
ns
tON(MIN)
Minimum On-Time
Tested with a Square Wave (Note 7)
180
ns
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 30V, VEXTCC = 4V
4.8
5.0
5.2
V
VLDO INT
INTVCC Load Regulation
ICC = 0 to 20mA, VEXTVCC = 4V
0.2
2.0
%
VLDO EXT
EXTVCC Voltage Drop
ICC = 20mA, VEXTVCC = 5V
100
200
mV
VEXTVCC
EXTVCC Switchover Voltage
ICC = 20mA, EXTVCC Ramping Positive
l
4.5
4.7
V
VLDOHYS
EXTVCC Hysteresis
0.2
V
Oscillator
fOSC
Oscillator Frequency
VFREQSET = Open (Note 8)
190
220
250
kHz
fLOW
Lowest Frequency
VFREQSET = 0V
120
140
160
kHz
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS1, 2 = 5V unless otherwise noted.


Similar Part No. - LTC3707EGN-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3707EGN-SYNC LINER-LTC3707EGN-SYNC Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707EGN-SYNC-PBF LINER-LTC3707EGN-SYNC-PBF Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707EGN-SYNC-TR LINER-LTC3707EGN-SYNC-TR Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707EGN-SYNC-TRPBF LINER-LTC3707EGN-SYNC-TRPBF Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC3707EGN-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3707-SYNC LINER-LTC3707-SYNC_15 Datasheet
400Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707 LINER-LTC3707_15 Datasheet
394Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727A-1 LINER-LTC3727A-1_15 Datasheet
339Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1877 LINER-LTC1877_15 Datasheet
245Kb / 18P
   High Effi ciency Monolithic Synchronous Step-Down Regulator
LTC3632 LINER-LTC3632 Datasheet
469Kb / 22P
   High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
LTC3642 LINER-LTC3642 Datasheet
281Kb / 20P
   High Effi ciency, High Voltage 50mA Synchronous Step-Down Converter
LTC3631 LINER-LTC3631 Datasheet
376Kb / 22P
   High Effi ciency, High Voltage 100mA Synchronous Step-Down Converter
LTC1628-SYNC LINER-LTC1628-SYNC_15 Datasheet
672Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727LX-1 LINER-LTC3727LX-1_15 Datasheet
426Kb / 28P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com