Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3526B-2 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3526B-2
Description  500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526B-2 Datasheet(HTML) 3 Page - Linear Technology

  LTC3526B-2 Datasheet HTML 1Page - Linear Technology LTC3526B-2 Datasheet HTML 2Page - Linear Technology LTC3526B-2 Datasheet HTML 3Page - Linear Technology LTC3526B-2 Datasheet HTML 4Page - Linear Technology LTC3526B-2 Datasheet HTML 5Page - Linear Technology LTC3526B-2 Datasheet HTML 6Page - Linear Technology LTC3526B-2 Datasheet HTML 7Page - Linear Technology LTC3526B-2 Datasheet HTML 8Page - Linear Technology LTC3526B-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3526-2/LTC3526B-2
3
35262b2fa
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3526E-2 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Specification is guaranteed by design and not 100% tested in
production.
Note 4: Current measurements are made when the output is not switching.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Note 6: Failure to solder the exposed backside of the package to the PC
board ground plane will result in a thermal resistance much higher than
60°C/W.
Efficiency vs Load Current and VIN
for VOUT = 1.8V (LTC3526-2)
Efficiency vs Load Current and VIN
for VOUT = 3.3V (LTC3526-2)
Efficiency vs Load Current and VIN
for VOUT = 5V (LTC3526-2)
No-Load Input Current vs VIN
Maximum Output Current vs VIN
Minimum Load Resistance
During Start-Up vs VIN
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
35262b2f G01
30
20
10
0
90
100
1
10
100
0.1
0.01
1000
VIN = 1.0V
VIN = 1.2V
VIN = 1.5V
PLOSS AT VIN = 1.0V
PLOSS AT VIN = 1.2V
PLOSS AT VIN = 1.5V
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
35262b2f G02
30
20
10
0
90
100
1
10
100
0.1
0.01
1000
VIN = 1.2V
VIN = 2.4V
VIN = 3.0V
PLOSS AT VIN = 1.2V
PLOSS AT VIN = 2.4V
PLOSS AT VIN = 3.0V
VIN (V)
0.5
60
70
80
4.5
35262b2f G04
50
40
10
1.5
2.5
3.5
1.0
2.0
3.0
4.0
30
20
100
90
VOUT = 3.3V
VOUT = 5V
VOUT = 2.5V
VOUT = 1.8V
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
35262b2f
30
20
10
0
90
100
1
10
100
0.1
0.01
1000
VIN = 1.2V
VIN = 2.4V
VIN = 3.6V
VIN = 4.2V
PLOSS AT VIN = 1.2V
PLOSS AT VIN = 2.4V
PLOSS AT VIN = 3.6V
PLOSS AT VIN = 4.2V
VIN (V)
0.5
200
300
4.5
35262b2f G05
100
0
1.5
2.5
3.5
1.0
2.0
3.0
4.0
400
150
250
50
350
VOUT = 3.3V
VOUT = 5V
VOUT = 2.5V
VOUT = 1.8V
L = 2.2μH
VIN (V)
0.95
10
100
1000
1.05
1.15
35262b2f
0.85
1.25


Similar Part No. - LTC3526B-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526B-2 LINER-LTC3526B-2 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526B-2 LINER-LTC3526B-2 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526B-2 LINER-LTC3526B-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
More results

Similar Description - LTC3526B-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526EDC LINER-LTC3526EDC Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
logo
Linear Integrated Syste...
LTC3526EDC-2 LINEAR-LTC3526EDC-2 Datasheet
286Kb / 16P
   500mA 1MHz SynchronousStep-Up DC/DC Converters in 2mm 2mm DFN
logo
Linear Technology
LTC3427 LINER-LTC3427_15 Datasheet
213Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3528 LINER-LTC3528 Datasheet
268Kb / 16P
   1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com