Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3525ESC6-3.3 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3525ESC6-3.3
Description  400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3525ESC6-3.3 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3525ESC6-3.3 Datasheet HTML 4Page - Linear Technology LTC3525ESC6-3.3 Datasheet HTML 5Page - Linear Technology LTC3525ESC6-3.3 Datasheet HTML 6Page - Linear Technology LTC3525ESC6-3.3 Datasheet HTML 7Page - Linear Technology LTC3525ESC6-3.3 Datasheet HTML 8Page - Linear Technology LTC3525ESC6-3.3 Datasheet HTML 9Page - Linear Technology LTC3525ESC6-3.3 Datasheet HTML 10Page - Linear Technology LTC3525ESC6-3.3 Datasheet HTML 11Page - Linear Technology LTC3525ESC6-3.3 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC3525-3/
LTC3525-3.3/LTC3525-5
10
3525fa
OPERATIO
Component Selection
Inductor values between 4.7µH and 15µH are recom-
mended. In most applications 10µH will yield the best
compromise between size and efficiency. The inductor
should be a low-loss ferrite design and must be rated for
peak currents of at least 400mA without saturating. Induc-
tors with lower DC resistance will improve efficiency. Note
that the inductor value does not have a significant effect
on ripple current, so while lower values will increase the
operating frequency, they do not reduce output voltage
ripple.
Some recommended inductor examples are Murata
LQH32C and Coilcraft LPO4812, LPO3310, DO3314,
DS1608 and MSS4020.
A ceramic input bypass capacitor should be located as
close as possible to the VIN and GND pins of the IC. A
minimum value of 1µF is recommended. If the battery is
more than a few inches away, a bulk tantalum decoupling
cap of at least 10µF is recommended on VIN.
The output capacitor should also be a ceramic, located close
to the VOUT and GND pins. A minimum value of 10µF is
recommended. Increasing the value of the output capacitor
to 22µF will result in lower output ripple. Higher capacitor
values will only offer a small reduction in output ripple,
while reducing light load efficiency by causing the peak
inductor current to increase above its minimum value of
150mA. The input and output capacitors should be X5R
or X7R types, not Y5V.
Figure 2. Recommended Component Placement
Table 1. Inductor Vendor Information
SUPPLIER
PHONE
FAX
WEBSITE
Murata
USA: (814) 237-1431
USA: (814) 238-0490
www.murata.com
Coilcraft
(847) 639-6400
(847) 639-1469
www.coilcraft.com
Sumida
USA: (847) 956-0666
USA: (847) 956-0702
www.sumida.com
Table 2. Capacitor Vendor Information
SUPPLIER
PHONE
FAX
WEBSITE
Murata
USA: (814) 237-1431
USA: (814) 238-0490
www.murata.com
Taiyo Yuden
(408) 573-4150
(408) 573-4159
www.t-yuden.com
TDK
(847) 803-6100
(847) 803-6296
www.component.tdk.com
AVX
(803) 448-9411
(803) 448-1943
www.avxcorp.com
SHDN
GND
VIN
SW
GND
VOUT
LTC3525
SHDN
VIN
3525 F02
VOUT


Similar Part No. - LTC3525ESC6-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3525ESC6-3.3 LINER-LTC3525ESC6-3.3 Datasheet
321Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
More results

Similar Description - LTC3525ESC6-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3525-3.3 LINER-LTC3525-3.3_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3 Datasheet
321Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3 LINER-LTC3525-3_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525L-3 LINER-LTC3525L-3 Datasheet
240Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525L-3 LINER-LTC3525L-3_15 Datasheet
508Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-5 LINER-LTC3525-5_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525D-3.3 LINER-LTC3525D-3.3 Datasheet
224Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Pass Through Mode
LTC3525D-3.3 LINER-LTC3525D-3.3_15 Datasheet
491Kb / 14P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Pass Through Mode
logo
Monolithic Power System...
MP3418 MPS-MP3418 Datasheet
751Kb / 14P
   400mA, 1.2MHz, Synchronous, Step-up Converter with Output Disconnect
logo
Linear Technology
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
   1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com