Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3611IWP-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3611IWP-PBF
Description  10A, 32V Monolithic Synchronous Step-Down DC/DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3611IWP-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3611IWP-PBF Datasheet HTML 1Page - Linear Technology LTC3611IWP-PBF Datasheet HTML 2Page - Linear Technology LTC3611IWP-PBF Datasheet HTML 3Page - Linear Technology LTC3611IWP-PBF Datasheet HTML 4Page - Linear Technology LTC3611IWP-PBF Datasheet HTML 5Page - Linear Technology LTC3611IWP-PBF Datasheet HTML 6Page - Linear Technology LTC3611IWP-PBF Datasheet HTML 7Page - Linear Technology LTC3611IWP-PBF Datasheet HTML 8Page - Linear Technology LTC3611IWP-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC3611
4
3611fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Internal VCC Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 30V, VEXTVCC = 4V
l
4.7
5
5.6
V
ΔVLDO(LOADREG)
Internal VCC Load Regulation
ICC = 0mA to 20mA, VEXTVCC = 4V
–0.1
±2
%
VEXTVCC
EXTVCC Switchover Voltage
ICC = 20mA, VEXTVCC Rising
l
4.5
4.7
V
ΔVEXTVCC
EXTVCC Switch Drop Voltage
ICC = 20mA, VEXTVCC = 5V
150
300
m/V
ΔVEXTVCC(HYS)
EXTVCC Switchover Hysteresis
500
m/V
PGOOD Output
ΔVFBH
PGOOD Upper Threshold
VFB Rising
7
10
13
%
ΔVFBL
PGOOD Lower Threshold
VFB Falling
–7
–10
–13
%
ΔVFB(HYS)
PGOOD Hysteresis
VFB Returning
1
2.5
%
VPGL
PGOOD Low Voltage
IPGOOD = 5mA
0.15
0.4
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD as follows:
TJ = TA + (PD • 28°C/W) (θJA is simulated per JESD51-7 high
effective thermal conductivity test board)
θJC = 1°C/W (θJC is simulated when heatsink is applied at the
bottom of the package)
Note 3: The LTC3611 is tested in a feedback loop that adjusts VFB to
achieve a specified error amplifier output voltage (ITH). The specification at
85°C is not tested in production. This specification is assured by design,
characterization, and correlation to testing at 125°C.
Note 4: The LTC3611E is guaranteed to meet performance specifications
from 0°C to 125°C. Specifications over the –40°C to 125°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3611I is guaranteed over the full
–40°C to 125°C operating temperature range.
TYPICAL PERFORMANCE CHARACTERISTICS
Transient Response
Transient Response
(Discontinuous Mode)
Start-Up
VIN = 25V
VOUT = 2.5V
RLOAD = 0.5Ω
FIGURE 6 CIRCUIT
3611 G03
40ms/DIV
RUN/SS
2V/DIV
VOUT
1V/DIV
IL
5A/DIV
LOAD = 1A TO 10A
VIN = 25V
VOUT = 2.5V
FCB = INTVCC
FIGURE 6 CIRCUIT
3611 G02
VOUT
200mV/DIV
IL
5A/DIV
ILOAD
5A/DIV
40μs/DIV
LOAD STEP 0A TO 8A
VIN = 25V
VOUT = 2.5V
FCB = 0
FIGURE 6 CIRCUIT
3611 G01
40μs/DIV
VOUT
200mV/DIV
IL
5A/DIV
ILOAD
5A/DIV
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V unless otherwise noted.


Similar Part No. - LTC3611IWP-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3611 LINER-LTC3611 Datasheet
453Kb / 36P
   24V, 15A Monolithic Step Down Regulator
LTC3611 LINER-LTC3611 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3611 LINER-LTC3611 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3611 LINER-LTC3611_15 Datasheet
421Kb / 26P
   10A, 32V Monolithic Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3611IWP-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3611 LINER-LTC3611_15 Datasheet
421Kb / 26P
   10A, 32V Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609 Datasheet
271Kb / 24P
   32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609_15 Datasheet
424Kb / 26P
   32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
logo
Renesas Technology Corp
R2A20101BM RENESAS-R2A20101BM Datasheet
167Kb / 10P
   Monolithic Synchronous Step-Down DC/DC Converter
logo
Linear Technology
LTC3612 LINER-LTC3612_15 Datasheet
411Kb / 30P
   3A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3610 LINER-LTC3610 Datasheet
294Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
LTC3614 LINER-LTC3614 Datasheet
451Kb / 28P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3608 LINER-LTC3608_15 Datasheet
474Kb / 26P
   18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616 Datasheet
442Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3610EWPPBF LINER-LTC3610EWPPBF Datasheet
398Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com