Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3611IWP-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3611IWP-PBF
Description  10A, 32V Monolithic Synchronous Step-Down DC/DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3611IWP-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3611IWP-PBF Datasheet HTML 6Page - Linear Technology LTC3611IWP-PBF Datasheet HTML 7Page - Linear Technology LTC3611IWP-PBF Datasheet HTML 8Page - Linear Technology LTC3611IWP-PBF Datasheet HTML 9Page - Linear Technology LTC3611IWP-PBF Datasheet HTML 10Page - Linear Technology LTC3611IWP-PBF Datasheet HTML 11Page - Linear Technology LTC3611IWP-PBF Datasheet HTML 12Page - Linear Technology LTC3611IWP-PBF Datasheet HTML 13Page - Linear Technology LTC3611IWP-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC3611
10
3611fb
OPERATION
Main Control Loop
The LTC3611 is a high efficiency monolithic synchronous,
step-down DC/DC converter utilizing a constant on-time,
current mode architecture. It operates from an input voltage
range of 4.5V to 32V and provides a regulated output voltage
at up to 10A of output current. The internal synchronous
power switch increases efficiency and eliminates the need
for an external Schottky diode. In normal operation, the
top MOSFET is turned on for a fixed interval determined
by a one-shot timer OST. When the top MOSFET is turned
off, the bottom MOSFET is turned on until the current
comparator ICMP trips, restarting the one-shot timer and
initiating the next cycle. Inductor current is determined
by sensing the voltage between the PGND and SW pins
using the bottom MOSFET on-resistance. The voltage on
the ITH pin sets the comparator threshold corresponding
to inductor valley current. The error amplifier EA adjusts
this voltage by comparing the feedback signal VFB from
the output voltage with an internal 0.6V reference. If the
load current increases, it causes a drop in the feedback
voltage relative to the reference. The ITH voltage then
rises until the average inductor current again matches
the load current.
At light load, the inductor current can drop to zero and
become negative. This is detected by current reversal
comparator IREV which then shuts off M2 (see Func-
tional Diagram), resulting in discontinuous operation. Both
switches will remain off with the output capacitor supplying
the load current until the ITH voltage rises above the zero
current level (0.8V) to initiate another cycle. Discontinu-
ous mode operation is disabled by comparator F when
the FCB pin is brought below 0.6V, forcing continuous
synchronous operation.
The operating frequency is determined implicitly by the
top MOSFET on-time and the duty cycle required to main-
tain regulation. The one-shot timer generates an on-time
that is proportional to the ideal duty cycle, thus holding
frequency approximately constant with changes in VIN.
The nominal frequency can be adjusted with an external
resistor RON.
Overvoltage and undervoltage comparators OV and UV
pull the PGOOD output low if the output feedback volt-
age exits a ±10% window around the regulation point.
Furthermore, in an overvoltage condition, M1 is turned
off and M2 is turned on and held on until the overvoltage
condition clears.
Foldback current limiting is provided if the output is
shorted to ground. As VFB drops, the buffered current
threshold voltage ITHB is pulled down by clamp Q3 to
a 1V level set by Q4 and Q6. This reduces the inductor
valley current level to one sixth of its maximum value as
VFB approaches 0V.
Pulling the RUN/SS pin low forces the controller into its
shutdown state, turning off both M1 and M2. Releasing
the pin allows an internal 1.2μA current source to charge
up an external soft-start capacitor CSS. When this voltage
reaches 1.5V, the controller turns on and begins switching,
but with the ITH voltage clamped at approximately 0.6V
below the RUN/SS voltage. As CSS continues to charge,
the soft-start current limit is removed.
INTVCC/EXTVCC Power
Power for the top and bottom MOSFET drivers and most of
the internal controller circuitry is derived from the INTVCC
pin. The top MOSFET driver is powered from a floating
bootstrap capacitor CB. This capacitor is recharged from
INTVCCthroughanexternalSchottkydiodeDBwhenthetop
MOSFET is turned off. When the EXTVCC pin is grounded,
an internal 5V low dropout regulator supplies the INTVCC
power from VIN. If EXTVCC rises above 4.7V, the internal
regulator is turned off, and an internal switch connects
EXTVCC to INTVCC. This allows a high efficiency source
connected to EXTVCC, such as an external 5V supply or
a secondary output from the converter, to provide the
INTVCC power. Voltages up to 7V can be applied to EXTVCC
for additional gate drive. If the input voltage is low and
INTVCC drops below 3.5V, undervoltage lockout circuitry
prevents the power switches from turning on.


Similar Part No. - LTC3611IWP-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3611 LINER-LTC3611 Datasheet
453Kb / 36P
   24V, 15A Monolithic Step Down Regulator
LTC3611 LINER-LTC3611 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3611 LINER-LTC3611 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3611 LINER-LTC3611_15 Datasheet
421Kb / 26P
   10A, 32V Monolithic Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3611IWP-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3611 LINER-LTC3611_15 Datasheet
421Kb / 26P
   10A, 32V Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609 Datasheet
271Kb / 24P
   32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609_15 Datasheet
424Kb / 26P
   32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
logo
Renesas Technology Corp
R2A20101BM RENESAS-R2A20101BM Datasheet
167Kb / 10P
   Monolithic Synchronous Step-Down DC/DC Converter
logo
Linear Technology
LTC3612 LINER-LTC3612_15 Datasheet
411Kb / 30P
   3A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3610 LINER-LTC3610 Datasheet
294Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
LTC3614 LINER-LTC3614 Datasheet
451Kb / 28P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3608 LINER-LTC3608_15 Datasheet
474Kb / 26P
   18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616 Datasheet
442Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3610EWPPBF LINER-LTC3610EWPPBF Datasheet
398Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com