Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3610WP Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3610WP
Description  24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3610WP Datasheet(HTML) 5 Page - Linear Technology

  LTC3610WP Datasheet HTML 1Page - Linear Technology LTC3610WP Datasheet HTML 2Page - Linear Technology LTC3610WP Datasheet HTML 3Page - Linear Technology LTC3610WP Datasheet HTML 4Page - Linear Technology LTC3610WP Datasheet HTML 5Page - Linear Technology LTC3610WP Datasheet HTML 6Page - Linear Technology LTC3610WP Datasheet HTML 7Page - Linear Technology LTC3610WP Datasheet HTML 8Page - Linear Technology LTC3610WP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC3610
5
3610fd
LOAD CURRENT (A)
0.001
70
80
10
3610 G04
60
50
0.01
0.1
1
100
90
DISCONTINUOUS
MODE
CONTINUOUS
MODE
VIN = 12V
VOUT = 2.5V
EXTVCC = 5V
FIGURE 6 CIRCUIT
INPUT VOLTAGE (V)
5
80
85
90
95
100
10
15
20
3610 G05
25
ILOAD = 1A
ILOAD = 10A
FCB = 5V
FIGURE 6 CIRCUIT
INPUT VOLTAGE (V)
5
480
520
25
3610 G06
440
400
10
15
20
640
600
560
ILOAD = 10A
FCB = 0V
FIGURE 6 CIRCUIT
ILOAD = 0A
LOAD CURRENT (A)
0
8
3610 G08
–0.80
–0.60
–0.40
–0.20
0.60
0.40
0.20
0
246
12
10
0.80
FIGURE 6 CIRCUIT
LOAD CURRENT (A)
0
1.0
1.5
3610 G09
0.5
0
369
12
2.5
2.0
CONTINUOUS
MODE
DISCONTINUOUS
MODE
FIGURE 6 CIRCUIT
LOAD CURRENT (A)
0
0
50
100
150
200
250
300
350
400
450
500
550
600
650
2468
3610 G07
12
10
CONTINUOUS MODE
DISCONTINUOUS MODE
TYPICAL PERFORMANCE CHARACTERISTICS
Transient Response
Transient Response
(Discontinuous Mode)
Start-Up
Efficiency vs Load Current
Efficiency vs Input Voltage
Frequency vs Input Voltage
Frequency vs Load Current
Load Regulation
ITH Voltage vs Load Current
LOAD STEP 0A TO 8A
VIN = 12V
VOUT = 2.5V
FCB = 0V
FIGURE 6 CIRCUIT
3610 G01
40μs/DIV
VOUT
100mV/DIV
IL
5A/DIV
ILOAD
5A/DIV
ILOAD = 1A TO 7A
VIN = 12V
VOUT = 2.5V
FCB = INTVCC
FIGURE 6 CIRCUIT
3610 G02
40μs/DIV
VOUT
100mV/DIV
IL
5A/DIV
ILOAD
5A/DIV
VIN = 12V
VOUT = 2.5V
RLOAD = 0.5Ω
FIGURE 6 CIRCUIT
3610 G03
40ms/DIV
RUN/SS
2V/DIV
VOUT
1V/DIV
IL
5A/DIV


Similar Part No. - LTC3610WP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3610 LINER-LTC3610 Datasheet
453Kb / 36P
   24V, 15A Monolithic Step Down Regulator
LTC3610 LINER-LTC3610 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3610 LINER-LTC3610 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3610 LINER-LTC3610 Datasheet
398Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
LTC3610EWP LINER-LTC3610EWP Datasheet
398Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3610WP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3610 LINER-LTC3610_15 Datasheet
398Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
LTC3610EWPPBF LINER-LTC3610EWPPBF Datasheet
398Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
logo
Renesas Technology Corp
R2A20101BM RENESAS-R2A20101BM Datasheet
167Kb / 10P
   Monolithic Synchronous Step-Down DC/DC Converter
logo
Linear Technology
LTC3612 LINER-LTC3612_15 Datasheet
411Kb / 30P
   3A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3614 LINER-LTC3614 Datasheet
451Kb / 28P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3608 LINER-LTC3608_15 Datasheet
474Kb / 26P
   18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616 Datasheet
442Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3611 LINER-LTC3611_15 Datasheet
421Kb / 26P
   10A, 32V Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609_15 Datasheet
424Kb / 26P
   32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
LTC3614 LINER-LTC3614_15 Datasheet
794Kb / 30P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com