Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3610EWP-TRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3610EWP-TRPBF
Description  24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3610EWP-TRPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC3610EWP-TRPBF Datasheet HTML 1Page - Linear Technology LTC3610EWP-TRPBF Datasheet HTML 2Page - Linear Technology LTC3610EWP-TRPBF Datasheet HTML 3Page - Linear Technology LTC3610EWP-TRPBF Datasheet HTML 4Page - Linear Technology LTC3610EWP-TRPBF Datasheet HTML 5Page - Linear Technology LTC3610EWP-TRPBF Datasheet HTML 6Page - Linear Technology LTC3610EWP-TRPBF Datasheet HTML 7Page - Linear Technology LTC3610EWP-TRPBF Datasheet HTML 8Page - Linear Technology LTC3610EWP-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC3610
2
3610fd
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN, ION).................. 28V to –0.3V
Boosted Topside Driver Supply Voltage
(BOOST) ................................................ 34V to –0.3V
SW Voltage ............................................... 28V to –5V
INTVCC, EXTVCC, (BOOST – SW), RUN/SS,
PGOOD Voltages...................................... 7V to –0.3V
FCB, VON, VRNG Voltages............ INTVCC + 0.3V to –0.3V
ITH, VFB Voltages....................................... 2.7V to –0.3V
Operating Temperature Range
(Note 4) ............................................... –40°C to 85°C
Junction Temperature (Note 2) ............................. 125°C
Storage Temperature Range................... –55°C to 125°C
(Note 1)
PIN CONFIGURATION
TOP VIEW
WP PACKAGE
64-LEAD (9mm × 9mm) QFN MULTIPAD
PGND 1
PGND 2
PGND 3
SW 4
SW 5
SW 6
SW 7
SW 8
SW 9
SW 10
SW 11
PVIN 12
PVIN 13
PVIN 14
PVIN 15
PVIN 16
48 SGND
47 SGND
46 SGND
45 SGND
44 EXTVCC
43 VFB
42 SGND
41 ION
40 SGND
39 FCB
38 ITH
37 VRNG
36 PGOOD
35 VON
34 SGND
33 SGND
68
SGND
67
PVIN
66
SW
65
PGND
TJMAX = 125°C, θJA = 28°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3610EWP#PBF
LTC3610EWP#TRPBF
LTC3610WP
64-Lead (9mm × 9mm) Plastic QFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3610EWP
LTC3610EWP#TR
LTC3610WP
64-Lead (9mm × 9mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC3610EWP-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3610EWP-PBF LINER-LTC3610EWP-PBF Datasheet
398Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3610EWP-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3610 LINER-LTC3610_15 Datasheet
398Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
LTC3610EWPPBF LINER-LTC3610EWPPBF Datasheet
398Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
logo
Renesas Technology Corp
R2A20101BM RENESAS-R2A20101BM Datasheet
167Kb / 10P
   Monolithic Synchronous Step-Down DC/DC Converter
logo
Linear Technology
LTC3612 LINER-LTC3612_15 Datasheet
411Kb / 30P
   3A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3614 LINER-LTC3614 Datasheet
451Kb / 28P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3608 LINER-LTC3608_15 Datasheet
474Kb / 26P
   18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616 Datasheet
442Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3611 LINER-LTC3611_15 Datasheet
421Kb / 26P
   10A, 32V Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609_15 Datasheet
424Kb / 26P
   32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
LTC3614 LINER-LTC3614_15 Datasheet
794Kb / 30P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com