Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3610EWP Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3610EWP
Description  24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3610EWP Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3610EWP Datasheet HTML 2Page - Linear Technology LTC3610EWP Datasheet HTML 3Page - Linear Technology LTC3610EWP Datasheet HTML 4Page - Linear Technology LTC3610EWP Datasheet HTML 5Page - Linear Technology LTC3610EWP Datasheet HTML 6Page - Linear Technology LTC3610EWP Datasheet HTML 7Page - Linear Technology LTC3610EWP Datasheet HTML 8Page - Linear Technology LTC3610EWP Datasheet HTML 9Page - Linear Technology LTC3610EWP Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC3610
6
3610fd
INPUT VOLTAGE (V)
4
18
16
14
12
10
3610 G17
4
6
8
7
10131619
28
25
22
RUN/SS VOLTAGE (V)
1.65
0
3
6
9
12
18
15
1.90 2.15
2.65 2.90 3.15 3.40
2.40
3610 G15
ITH VOLTAGE (V)
0
–10
–5
0
5
20
15
10
25
0.5
1.0
1.5
2.0
3610 G10
2.5
3.0
VRNG =
1V
0.7V
0.5V
ION CURRENT (μA)
1
10
100
1000
10000
10
100
3610 G11
VVON = 0V
VON VOLTAGE (V)
0
400
600
3610 G12
200
0
12
3
1000
ION = 30μA
800
TEMPERATURE (°C)
–50
200
250
300
25
75
3610 G13
150
100
–25
0
50
100
125
50
0
IION = 30μA
VVON = 0V
VFB (V)
0
0
5
10
15
0.1
0.2
0.3
0.4
0.5
0.6
3610 G18
VRNG VOLTAGE (V)
0.5
10
12
14
16
18
20
22
24
0.6
0.7
0.8
3610 G14
0.9
1.0
TEMPERATURE (°C)
–50
–25
0
5
20
050
75
3610 G16
15
10
25
100
125
TYPICAL PERFORMANCE CHARACTERISTICS
Load Current
vs ITH Voltage and VRNG
On-Time vs ION Current
On-Time vs VON Voltage
On-Time vs Temperature
Maximum Valley Current Limit
in Foldback
Maximum Valley Current Limit
vs VRNG Voltage
Maximum Valley Current Limit
vs RUN/SS Voltage
Maximum Valley Current Limit
vs Temperature
Input Voltage
vs Maximum Valley Current


Similar Part No. - LTC3610EWP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3610EWP LINER-LTC3610EWP Datasheet
398Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
LTC3610EWP-PBF LINER-LTC3610EWP-PBF Datasheet
398Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
LTC3610EWPPBF LINER-LTC3610EWPPBF Datasheet
398Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3610EWP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3610 LINER-LTC3610_15 Datasheet
398Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
LTC3610EWPPBF LINER-LTC3610EWPPBF Datasheet
398Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
logo
Renesas Technology Corp
R2A20101BM RENESAS-R2A20101BM Datasheet
167Kb / 10P
   Monolithic Synchronous Step-Down DC/DC Converter
logo
Linear Technology
LTC3612 LINER-LTC3612_15 Datasheet
411Kb / 30P
   3A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3614 LINER-LTC3614 Datasheet
451Kb / 28P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3608 LINER-LTC3608_15 Datasheet
474Kb / 26P
   18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616 Datasheet
442Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3611 LINER-LTC3611_15 Datasheet
421Kb / 26P
   10A, 32V Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609_15 Datasheet
424Kb / 26P
   32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
LTC3614 LINER-LTC3614_15 Datasheet
794Kb / 30P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com