Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3610 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3610
Description  24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3610 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3610 Datasheet HTML 7Page - Linear Technology LTC3610 Datasheet HTML 8Page - Linear Technology LTC3610 Datasheet HTML 9Page - Linear Technology LTC3610 Datasheet HTML 10Page - Linear Technology LTC3610 Datasheet HTML 11Page - Linear Technology LTC3610 Datasheet HTML 12Page - Linear Technology LTC3610 Datasheet HTML 13Page - Linear Technology LTC3610 Datasheet HTML 14Page - Linear Technology LTC3610 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC3610
11
3610fd
APPLICATIONS INFORMATION
The basic LTC3610 application circuit is shown on the
front page of this data sheet. External component selection
is primarily determined by the maximum load current.
The LTC3610 uses the on-resistance of the synchronous
power MOSFET for determining the inductor current. The
desired amount of ripple current and operating frequency
also determines the inductor value. Finally, CIN is selected
for its ability to handle the large RMS current into the
converter and COUTischosenwithlowenoughESRtomeet
the output voltage ripple and transient specification.
VON and PGOOD
The LTC3610 has an open-drain PGOOD output that
indicates when the output voltage is within ±10% of the
regulation point. The LTC3610 also has a VON pin that
allows the on-time to be adjusted. Tying the VON pin high
results in lower values for RON which is useful in high VOUT
applications. The VON pin also provides a means to adjust
the on-time to maintain constant frequency operation in
applications where VOUT changes and to correct minor
frequency shifts with changes in load current.
VRNG Pin and ILIMIT Adjust
The VRNG pin is used to adjust the maximum inductor
valley current, which in turn determines the maximum
average output current that the LTC3610 can deliver. The
maximum output current is given by:
IOUT(MAX) = IVALLEY(MAX) + 1/2 ΔIL,
The IVALLEY(MAX) is shown in the figure “Maximum Valley
Current Limit vs VRNG Voltage” in the Typical Performance
Characteristics.
An external resistor divider from INTVCC can be used to
set the voltage on the VRNG pin from 0.5V to 1V, or it can
be simply tied to ground force a default value equivalent
to 0.7V. When setting current limit, ensure that the junc-
tion temperature does not exceed the maximum rating of
125°C. Do not float the VRNG pin.
Operating Frequency
The choice of operating frequency is a tradeoff between
efficiency and component size. Low frequency operation
improves efficiency by reducing MOSFET switching losses
but requires larger inductance and/or capacitance in order
to maintain low output ripple voltage.
The operating frequency of LTC3610 applications is de-
termined implicitly by the one-shot timer that controls the
on-time tON of the top MOSFET switch. The on-time is set
by the current into the ION pin and the voltage at the VON
pin according to:
t
V
I
pF
ON
VON
ION
=
()
10
Tying a resistor RON from VIN to the ION pin yields an
on-time inversely proportional to VIN. The current out of
the ION pin is:
I
V
R
ION
IN
ON
=
For a step-down converter, this results in approximately
constant frequency operation as the input supply varies:
f
V
VR
pF
H
OUT
VON
ON
Z
=
()
[]
10
To hold frequency constant during output voltage changes,
tie the VON pin to VOUT or to a resistive divider from VOUT
when VOUT > 2.4V. The VON pin has internal clamps that
limit its input to the one-shot timer. If the pin is tied below
0.7V, the input to the one-shot is clamped at 0.7V. Similarly,
if the pin is tied above 2.4V, the input is clamped at 2.4V.
In high VOUT applications, tying VON to INTVCC so that the
comparator input is 2.4V results in a lower value for RON.
Figures 1a and 1b show how RON relates to switching
frequency for several common output voltages.


Similar Part No. - LTC3610

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3610 LINER-LTC3610 Datasheet
453Kb / 36P
   24V, 15A Monolithic Step Down Regulator
LTC3610 LINER-LTC3610 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3610 LINER-LTC3610 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3610 LINER-LTC3610 Datasheet
398Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
LTC3610EWP LINER-LTC3610EWP Datasheet
398Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3610

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3610 LINER-LTC3610_15 Datasheet
398Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
LTC3610EWPPBF LINER-LTC3610EWPPBF Datasheet
398Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
logo
Renesas Technology Corp
R2A20101BM RENESAS-R2A20101BM Datasheet
167Kb / 10P
   Monolithic Synchronous Step-Down DC/DC Converter
logo
Linear Technology
LTC3612 LINER-LTC3612_15 Datasheet
411Kb / 30P
   3A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3614 LINER-LTC3614 Datasheet
451Kb / 28P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3608 LINER-LTC3608_15 Datasheet
474Kb / 26P
   18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616 Datasheet
442Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3611 LINER-LTC3611_15 Datasheet
421Kb / 26P
   10A, 32V Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609_15 Datasheet
424Kb / 26P
   32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
LTC3614 LINER-LTC3614_15 Datasheet
794Kb / 30P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com