Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3608WKG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3608WKG
Description  18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3608WKG Datasheet(HTML) 2 Page - Linear Technology

  LTC3608WKG Datasheet HTML 1Page - Linear Technology LTC3608WKG Datasheet HTML 2Page - Linear Technology LTC3608WKG Datasheet HTML 3Page - Linear Technology LTC3608WKG Datasheet HTML 4Page - Linear Technology LTC3608WKG Datasheet HTML 5Page - Linear Technology LTC3608WKG Datasheet HTML 6Page - Linear Technology LTC3608WKG Datasheet HTML 7Page - Linear Technology LTC3608WKG Datasheet HTML 8Page - Linear Technology LTC3608WKG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC3608
2
3608fa
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (SVIN, PVIN, ION)....... 20V to –0.3V
Boosted Topside Driver Supply Voltage
(BOOST) ................................................ 26V to –0.3V
SW Voltage ............................................... 20V to –5V
INTVCC, EXTVCC, (BOOST – SW), RUN/SS,
PGOOD Voltages...................................... 7V to –0.3V
FCB, VON, VRNG Voltages............ INTVCC + 0.3V to –0.3V
ITH, VFB Voltages....................................... 2.7V to –0.3V
Operating Junction Temperature Range
(Notes 2, 4)........................................ –40°C to 125°C
Storage Temperature Range................... –55°C to 125°C
(Note 1)
PIN CONFIGURATION
TOP VIEW
WKG PACKAGE
52-LEAD (7mm × 8mm) QFN MULTIPAD
PVIN 1
PVIN 2
PVIN 3
PVIN 4
PVIN 5
PVIN 6
PVIN 7
SW 8
NC 9
SGND 10
BOOST 11
RUN/SS 12
VON 13
SGND 14
40 PGND
39 PGND
38 PGND
37 PGND
36 PGND
35 PGND
34 PGND
33 SW
32 INTVCC
31 INTVCC
30 SVIN
29 EXTVCC
28 NC
27 SGND
53
PVIN
55
SW
54
SGND
TJMAX = 125°C, θJA = 29°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3608EWKG#PBF
LTC3608EWKG#TRPBF
LTC3608WKG
52-Lead (7mm × 8mm) Plastic QFN
–40°C to 125°C
LTC3608IWKG#PBF
LTC3608IWKG#TRPBF
LTC3608WKG
52-Lead (7mm × 8mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC3608WKG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3608 LINER-LTC3608 Datasheet
453Kb / 36P
   24V, 15A Monolithic Step Down Regulator
LTC3608 LINER-LTC3608_15 Datasheet
474Kb / 26P
   18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3608WKG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3608 LINER-LTC3608_15 Datasheet
474Kb / 26P
   18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
   3A, 18V, Synchronous Step-down DC/DC Converter
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
   2A, 18V, Synchronous Step-down DC/DC Converter
logo
Renesas Technology Corp
R2A20101BM RENESAS-R2A20101BM Datasheet
167Kb / 10P
   Monolithic Synchronous Step-Down DC/DC Converter
logo
E-CMOS Corporation
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
ELM Technology Corporat...
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
   2A 18V 500kHz synchronous step down DC/DC converter
logo
Fitipower Integrated Te...
FR9872 FITIPOWER-FR9872 Datasheet
726Kb / 13P
   18V, 2.5A, 1.4MHz Synchronous Step-Down DC/DC Converter
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
   18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
logo
ELM Technology Corporat...
ELM614BA ELM-TECH-ELM614BA Datasheet
1Mb / 8P
   2A, 18V, 500kHz, synchronous step down DC/DC converter
logo
E-CMOS Corporation
EC3293B E-CMOS-EC3293B Datasheet
577Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com