Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3602IUF-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3602IUF-PBF
Description  2.5A, 10V, Monolithic Synchronous Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3602IUF-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3602IUF-PBF Datasheet HTML 3Page - Linear Technology LTC3602IUF-PBF Datasheet HTML 4Page - Linear Technology LTC3602IUF-PBF Datasheet HTML 5Page - Linear Technology LTC3602IUF-PBF Datasheet HTML 6Page - Linear Technology LTC3602IUF-PBF Datasheet HTML 7Page - Linear Technology LTC3602IUF-PBF Datasheet HTML 8Page - Linear Technology LTC3602IUF-PBF Datasheet HTML 9Page - Linear Technology LTC3602IUF-PBF Datasheet HTML 10Page - Linear Technology LTC3602IUF-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC3602
7
3602fb
OPERATION
Main Control Loop
The LTC3602 is a monolithic, constant-frequency, current-
mode step-down DC/DC converter. During normal opera-
tion, the internal top power switch (N-channel MOSFET) is
turned on at the beginning of each clock cycle. Current in
the inductor increases until the current comparator trips
and turns off the top power MOSFET. The peak inductor
current at which the current comparator shuts off the top
power switch is controlled by the voltage on the ITH pin.
The error amplifier adjusts the voltage on the ITH pin by
comparing the feedback signal from a resistor divider on
the VFB pin with an internal 0.6V reference. When the load
current increases, it causes a reduction in the feedback
voltage relative to the reference. The error amplifier raises
the ITH voltage until the average inductor current matches
the new load current. When the top power MOSFET shuts
off, the synchronous power switch (N-channel MOSFET)
turns on until either the bottom current limit is reached or
the beginning of the next clock cycle. The bottom current
limit is set at –2.5A for forced continuous mode and 0A
for Burst Mode operation.
The operating frequency is externally set by an external
resistor connected between the RT pin and ground. The
practical switching frequency can range from 300kHz to
3MHz.
Overvoltage and undervoltage comparators will pull the
PGOOD output low if the output voltage comes out of
regulation by ±7.5%. In an overvoltage condition, the top
power MOSFET is turned off and the bottom power MOSFET
is switched on until either the overvoltage condition clears
or the bottom MOSFET’s current limit is reached.
Forced Continuous Mode
Connecting the SYNC/MODE pin to INTVCCwilldisableBurst
Mode operation and force continuous current operation.
At light loads, forced continuous mode operation is less
efficient than Burst Mode operation, but may be desirable in
some applications where it is necessary to keep switching
harmonics out of a signal band. The output voltage ripple
is minimized in this mode.
Burst Mode Operation
Connecting the SYNC/MODE pin to a voltage in the range
of 0.42V to 1V enables Burst Mode operation. In Burst
Mode operation, the internal power MOSFETs operate
intermittently at light loads. This increases efficiency by
minimizing switching losses. During Burst Mode opera-
tion, the minimum peak inductor current is externally set
by the voltage on the SYNC/MODE pin and the voltage
on the ITH pin is monitored by the burst comparator to
determine when sleep mode is enabled and disabled.
When the average inductor current is greater than the
load current, the voltage on the ITH pin drops. As the ITH
voltage falls below 330mV, the burst comparator trips and
enables sleep mode. During sleep mode, the top power
MOSFET is held off and the ITH pin is disconnected from
the output of the error amplifier. The majority of the internal
circuitry is also turned off to reduce the quiescent current
to 75μA while the load current is solely supplied by the
output capacitor. When the output voltage drops, the ITH
pin is reconnected to the output of the error amplifier and
the top power MOSFET along with all the internal circuitry
is switched back on. This process repeats at a rate that
is dependent on the load demand. Pulse-skipping opera-
tion is implemented by connecting the SYNC/MODE pin
to ground. This forces the burst clamp level to be at 0V.
As the load current decreases, the peak inductor current
will be determined by the voltage on the ITH pin until the
ITH voltage drops below 330mV. At this point, the peak
inductor current is determined by the minimum on-time
of the current comparator. If the load demand is less than
the average of the minimum on-time inductor current,
switching cycles will be skipped to keep the output volt-
age in regulation.
Frequency Synchronization
The internal oscillator of the LTC3602 can be synchronized
to an external clock connected to the SYNC/MODE pin.
The frequency of the external clock can be in the range of
300kHz to 3MHz. For this application, the oscillator timing
resistor should be chosen to correspond to a frequency
that is 25% lower than the synchronization frequency.
When synchronized, the LTC3602 will operate in pulse-
skipping mode.


Similar Part No. - LTC3602IUF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3602IUF LINER-LTC3602IUF Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3602IUF LINER-LTC3602IUF Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC3602IUF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3602 LINER-LTC3602_15 Datasheet
230Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3602EUF LINER-LTC3602EUF Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3602IUF LINER-LTC3602IUF Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604 Datasheet
283Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603_15 Datasheet
283Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603 Datasheet
219Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604_15 Datasheet
287Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com