Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSV22026-11 Datasheet(PDF) 2 Page - Green Power Solutions srl

Part # GSV22026-11
Description  SURGE VOLTAGE SUPPRESSORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GSV22026-11 Datasheet(HTML) 2 Page - Green Power Solutions srl

  GSV22026-11 Datasheet HTML 1Page - Green Power Solutions srl GSV22026-11 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURGE VOLTAGE SUPPRESSORS
GSV
1 GSV22020-.. 4 GSV22030-..
2 GSV22023-..
5 GSV22038-..
3 GSV22026-..
6 GSV22050-..
dimensions mm
Document GSVT002
Max allowable current peak
vs pulse width
1
10
100
1000
10000
1
10
100
1000
IRM [A]
6
5
4
1
2
3
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet without
notice.
Avalanche voltage vs Tj
Typical behaviour
(for type GSV22020-15 with tp = 15 µs)
-80
-40
0
40
80
120
1100
1200
1300
1400
1500
1600
1700
VR [V]
2 A
60 A
Max. admissible power in function of pulse
width tp
1
10
0.1
5
0.001
0.01
0.1
1
10
0.1
1
10
100
IRM*VR [kW]
frequency (hz)


Similar Part No. - GSV22026-11

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GSV30 MEANWELL-GSV30 Datasheet
403Kb / 7P
   30W With PFC LED Power Supply
GSV30E12-P1J MEANWELL-GSV30E12-P1J Datasheet
403Kb / 7P
   30W With PFC LED Power Supply
GSV30E24-P1J MEANWELL-GSV30E24-P1J Datasheet
403Kb / 7P
   30W With PFC LED Power Supply
GSV30E48-P1J MEANWELL-GSV30E48-P1J Datasheet
403Kb / 7P
   30W With PFC LED Power Supply
GSV60 MEANWELL-GSV60 Datasheet
400Kb / 7P
   60W With PFC LED Power Supply
More results

Similar Description - GSV22026-11

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GXV20050-04 GPSEMI-GXV20050-04 Datasheet
1Mb / 2P
   SURGE VOLTAGE SUPPRESSORS
logo
Littelfuse
V3.5MLA0603 LITTELFUSE-V3.5MLA0603 Datasheet
254Kb / 11P
   Multilayer Transient Voltage Surge Suppressors
logo
Shenzhen Luguang Electr...
P0080SA LUGUANG-P0080SA Datasheet
1Mb / 6P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
SE2312 LEIDITECH-SE2312 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE9926 LEIDITECH-SE9926 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE8205A LEIDITECH-SE8205A Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
TB0640H SUNMATE-TB0640H Datasheet
964Kb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640L SUNMATE-TB0640L Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640M SUNMATE-TB0640M Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Shanghai Yint Electroni...
PXXXL YINT-PXXXL Datasheet
576Kb / 4P
   Thyristor Surge Suppressors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com