Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3586EUFE-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3586EUFE-TRPBF
Description  High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586EUFE-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3586EUFE-TRPBF Datasheet HTML 1Page - Linear Technology LTC3586EUFE-TRPBF Datasheet HTML 2Page - Linear Technology LTC3586EUFE-TRPBF Datasheet HTML 3Page - Linear Technology LTC3586EUFE-TRPBF Datasheet HTML 4Page - Linear Technology LTC3586EUFE-TRPBF Datasheet HTML 5Page - Linear Technology LTC3586EUFE-TRPBF Datasheet HTML 6Page - Linear Technology LTC3586EUFE-TRPBF Datasheet HTML 7Page - Linear Technology LTC3586EUFE-TRPBF Datasheet HTML 8Page - Linear Technology LTC3586EUFE-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC3586/LTC3586-1
3
3586fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
hCLPROG (Note 4)
Ratio of Measured VBUS Current to
CLPROG Program Current
1x Mode
5x Mode
10x Mode
Suspend Mode
224
1133
2140
9.3
mA/mA
mA/mA
mA/mA
mA/mA
IOUT(POWERPATH)
VOUT Current Available Before Loading
BAT
1x Mode, BAT = 3.3V
5x Mode, BAT = 3.3V
10x Mode, BAT = 3.3V
Suspend Mode
135
672
1251
0.32
mA
mA
mA
mA
VCLPROG
CLPROG Servo Voltage in Current Limit 1x, 5x, 10x Modes
Suspend Mode
1.188
100
V
mV
VUVLO_VBUS
VBUS Undervoltage Lockout
Rising Threshold
Falling Threshold
3.95
4.30
4.00
4.35
V
V
VUVLO_VBUS-BAT
VBUS to BAT Differential Undervoltage
Lockout
Rising Threshold
Falling Threshold
200
50
mV
mV
VOUT
VOUT Voltage
1x, 5x, 10x Modes, 0V < BAT < 4.2V,
IVOUT = 0mA, Battery Charger Off
3.5
BAT + 0.3
4.7
V
USB Suspend Mode, IVOUT = 250μA
4.5
4.6
4.7
V
fOSC
Switching Frequency
1.8
2.25
2.7
MHz
RPMOS_POWERPATH PMOS On-Resistance
0.18
Ω
RNMOS_POWERPATH NMOS On-Resistance
0.30
Ω
IPEAK_POWERPATH
Peak Switch Current Limit (Note 5)
1x, 5x Modes
10x Mode
2
3
A
A
Battery Charger
VFLOAT
BAT Regulated Output Voltage
LTC3586
LTC3586
LTC3586-1
LTC3586-1
l
l
4.179
4.165
4.079
4.065
4.200
4.200
4.100
4.100
4.221
4.235
4.121
4.135
V
V
V
V
ICHG
Constant Current Mode Charge Current RPROG = 1k
RPROG = 5k
980
185
1022
204
1065
223
mA
mA
IBAT
Battery Drain Current
VBUS > VUVLO, IVOUT = 0μA
VBUS = 0V, IVOUT = 0μA (Ideal Diode Mode)
2
3.5
29
5
41
μA
μA
VPROG
PROG Pin Servo Voltage
1.000
V
VPROG_TRKL
PROG Pin Servo Voltage in Trickle
Charge
BAT < VTRKL
0.100
V
VC/10
C/10 Threshold Voltage at PROG
100
mV
hPROG
Ratio of IBAT to PROG Pin Current
1022
mA/mA
ITRKL
Trickle Charge Current
BAT < VTRKL
100
mA
VTRKL
Trickle Charge Threshold Voltage
BAT Rising
2.7
2.85
3.0
V
ΔVTRKL
Trickle Charge Hysteresis Voltage
135
mV
VRECHRG
Recharge Battery Threshold Voltage
Threshold Voltage Relative to VFLOAT
–75
–100
–125
mV
tTERM
Safety Timer Termination
Timer Starts When BAT = VFLOAT
3.3
4
5
Hour
tBADBAT
Bad Battery Termination Time
BAT < VTRKL
0.42
0.5
0.63
Hour
hC/10
End-of-Charge Indication Current Ratio (Note 6)
0.088
0.1
0.112
mA/mA
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA
65
100
mV
ICHRG
CHRG Pin Leakage Current
VCHRG = 5V
1
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, BAT = 3.8V, VIN1 = VIN2 = VIN3 = VIN4 = VOUT3 = 3.8V,
VOUT4 = 5V, RPROG = 1k, RCLPROG = 3.01k, unless otherwise noted.


Similar Part No. - LTC3586EUFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3586 LINER-LTC3586 Datasheet
570Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3586 LINER-LTC3586 Datasheet
427Kb / 38P
   7-Channel Confi gurable High Power PMIC
LTC3586 LINER-LTC3586 Datasheet
517Kb / 38P
   Power Management Solution for Application Processors
LTC3586 LINER-LTC3586 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
logo
Analog Devices
LTC3586 AD-LTC3586 Datasheet
1Mb / 30P
   Multioutput Power Management Solution with Four Buck Switching and Three LDO Linear Regulators with I2C
08/21 Rev. A
More results

Similar Description - LTC3586EUFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3556 LINER-LTC3556_15 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556 LINER-LTC3556 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3586 LINER-LTC3586_15 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586-1 LINER-LTC3586-1_15 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586-3 LINER-LTC3586-3_15 Datasheet
699Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3566 LINER-LTC3566 Datasheet
262Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
LTC3567 LINER-LTC3567_15 Datasheet
281Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
LTC3567 LINER-LTC3567 Datasheet
273Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
LTC3785-1 LINER-LTC3785-1_15 Datasheet
224Kb / 20P
   10V, High Effi ciency, Buck-Boost Controller with Power Good
LTC3785-1 LINER-LTC3785-1 Datasheet
240Kb / 20P
   10V, High Effi ciency, Buck-Boost Controller with Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com