Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3564IDCB-TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3564IDCB-TRPBF
Description  2.25MHz, 1.25A Synchronous Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3564IDCB-TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC3564IDCB-TRPBF Datasheet HTML 1Page - Linear Technology LTC3564IDCB-TRPBF Datasheet HTML 2Page - Linear Technology LTC3564IDCB-TRPBF Datasheet HTML 3Page - Linear Technology LTC3564IDCB-TRPBF Datasheet HTML 4Page - Linear Technology LTC3564IDCB-TRPBF Datasheet HTML 5Page - Linear Technology LTC3564IDCB-TRPBF Datasheet HTML 6Page - Linear Technology LTC3564IDCB-TRPBF Datasheet HTML 7Page - Linear Technology LTC3564IDCB-TRPBF Datasheet HTML 8Page - Linear Technology LTC3564IDCB-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC3564
3564f
High Efficiency: Up to 96%
Very Low Quiescent Current: Only 20
μA
1.25A Output Current
2.5V to 5.5V Input Voltage Range
2.25MHz Constant Frequency Operation
No Schottky Diode Required
Low Dropout Operation: 100% Duty Cycle
0.6V Reference Allows Low Output Voltages
Shutdown Mode Draws
≤1μA Supply Current
Current Mode Operation for Excellent Line and
Load Transient Response
Overtemperature Protected
Low Profile (1mm) ThinSOT
TM and
6-Lead (2mm
× 3mm) DFN Packages
The LTC
®3564 is a high efficiency monolithic synchro-
nous buck regulator using a constant frequency, current
mode architecture. Supply current during operation is
only 20
μA, dropping to ≤1μA in shutdown. The 2.5V to
5.5V input voltage range makes the LTC3564 ideally suited
for single Li-Ion battery-powered or 3.3V to 5V input
voltage applications. 100% duty cycle provides low drop-
out operation, extending battery life in portable systems.
Automatic Burst Mode
® operation increases efficiency at
light loads, further extending battery runtime.
Switching frequency is internally set at 2.25MHz, allowing
the use of small surface mount inductors and capacitors.
The internal synchronous switch increases efficiency and
eliminates the need for an external Schottky diode. Low
output voltages are easily supported with the 0.6V feed-
back reference voltage. The LTC3564 is available in low
profile (1mm) ThinSOT and 6-Lead (2mm
× 3mm) DFN
packages.
Cellular Telephones
Wireless and DSL Modems
Digital Still Cameras
Media Players
Portable Instruments
Point of Load Regulation
2.25MHz, 1.25A
Synchronous
Step-Down Regulator
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 5481178, 6580258, 6304066, 6498466, 6611131.
VIN
CIN
22
μF
CER
VIN
LTC3564
RUN
1.1
μH
22pF
634k
316k
3564 TA01a
SW
VFB
GND
COUT
22
μF
CER
VOUT
1.8V
OUTPUT CURRENT (mA)
0.1
40
50
60
70
80
1
10
100
1000
10000
3564 TA01b
30
20
10
0
90
100
0.0001
0.001
0.01
0.1
0.00001
1
10
VOUT = 1.8V
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V


Similar Part No. - LTC3564IDCB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
268Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
More results

Similar Description - LTC3564IDCB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Linear Technology
LTC3545 LINER-LTC3545 Datasheet
291Kb / 20P
   Triple 800mA Synchronous Step-Down Regulator-2.25MHz
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3290 EUTECH-EUP3290 Datasheet
761Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Linear Technology
LTC3410-1.875 LINER-LTC3410-1.875_15 Datasheet
238Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3406B-2 LINER-LTC3406B-2 Datasheet
213Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3410-1.875 LINER-LTC3410-1.875 Datasheet
232Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410 LINER-LTC3410 Datasheet
331Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3406AB-2 LINER-LTC3406AB-2_15 Datasheet
322Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com