Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3566 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3566
Description  High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3566 Datasheet(HTML) 4 Page - Linear Technology

  LTC3566 Datasheet HTML 1Page - Linear Technology LTC3566 Datasheet HTML 2Page - Linear Technology LTC3566 Datasheet HTML 3Page - Linear Technology LTC3566 Datasheet HTML 4Page - Linear Technology LTC3566 Datasheet HTML 5Page - Linear Technology LTC3566 Datasheet HTML 6Page - Linear Technology LTC3566 Datasheet HTML 7Page - Linear Technology LTC3566 Datasheet HTML 8Page - Linear Technology LTC3566 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC3566
4
3566fa
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, VBAT = 3.8V, DVCC = 3.3V, RCLPROG = 3.01k, RPROG = 1k,
VIN1 = VOUT1 = 3.8V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RON_CHG
Battery Charger Power FET On
Resistance (Between VOUT and BAT)
0.18
Ω
TLIM
Junction Temperature in Constant
Temperature Mode
110
°C
NTC
VCOLD
Cold Temperature Fault Threshold
Voltage
Rising Threshold
Hysteresis
75.0
76.5
1.5
78.0
%VBUS
%VBUS
VHOT
Hot Temperature Fault Threshold
Voltage
Falling Threshold
Hysteresis
33.4
34.9
1.5
36.4
%VBUS
%VBUS
VDIS
NTC Disable Threshold Voltage
Falling Threshold
Hysteresis
0.7
1.7
50
2.7
%VBUS
mV
INTC
NTC Leakage Current
VNTC = VBUS = 5V
–50
50
nA
Ideal Diode
VFWD
Forward Voltage
VBUS = 0V, IOUT = 10mA
IOUT = 10mA
2
15
mV
mV
RDROPOUT
Internal Diode On-Resistance,
Dropout
VBUS = 0V
0.18
Ω
IMAX_DIODE
Internal Diode Current Limit
1.6
A
Always On 3.3V Supply
VLDO3V3
Regulated Output Voltage
0mA < ILDO3V3 < 25mA
3.1
3.3
3.5
V
RCL_LDO3V3
Closed-Loop Output Resistance
4
Ω
ROL_LDO3V
Dropout Output Resistance
23
Ω
Logic (ILIM0, ILIM1, EN1, CHRGEN, MODE)
VIL
Logic Low Input Voltage
0.4
V
VIH
Logic High Input Voltage
1.2
V
IPD1
ILIM0, ILIM1, EN1, MODE
Pull-Down Currents
1.6
μA
IPD1_CHRGEN
CHRGEN Pull-Down Current
1.6
10
μA
Buck-Boost Regulator
VIN1
Input Supply Voltage
2.7
5.5
V
VOUTUVLO
VOUT UVLO -VOUT Falling
VOUT UVLO - VOUT Rising
VIN1 Connected to VOUT Through
Low Impedance. Switching Regulator
Disabled in UVLO
2.5
2.6
2.8
2.9
V
V
fOSC
Oscillator Frequency
PWM Mode
1.8
2.25
2.7
MHz
IVIN1
Input Current
PWM Mode, IOUT1 = 0μA
Burst Mode
® Operation, IOUT1 = 0μA
Shutdown
220
13
0
400
20
1
μA
μA
μA
Burst Mode is a registered trademark of Linear Technology Corporation.


Similar Part No. - LTC3566

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3566-2 LINER-LTC3566-2_15 Datasheet
282Kb / 28P
   High Efficiency USB Power Manager Plus 1A Buck-Boost Converter
LTC3566 LINER-LTC3566_15 Datasheet
282Kb / 28P
   High Efficiency USB Power Manager Plus 1A Buck-Boost Converter
More results

Similar Description - LTC3566

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3567 LINER-LTC3567_15 Datasheet
281Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
LTC3567 LINER-LTC3567 Datasheet
273Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
LTC3566-2 LINER-LTC3566-2_15 Datasheet
282Kb / 28P
   High Efficiency USB Power Manager Plus 1A Buck-Boost Converter
LTC3566 LINER-LTC3566_15 Datasheet
282Kb / 28P
   High Efficiency USB Power Manager Plus 1A Buck-Boost Converter
LTC3586 LINER-LTC3586 Datasheet
315Kb / 36P
   High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3556 LINER-LTC3556_15 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556 LINER-LTC3556 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC4088 LINER-LTC4088 Datasheet
276Kb / 24P
   High Effi ciency Battery Charger/USB Power Manager
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
LTC3785-1 LINER-LTC3785-1_15 Datasheet
224Kb / 20P
   10V, High Effi ciency, Buck-Boost Controller with Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com