Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3561AIDD-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3561AIDD-TRPBF
Description  1A, 4MHz, Synchronous Step-Down DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3561AIDD-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3561AIDD-TRPBF Datasheet HTML 6Page - Linear Technology LTC3561AIDD-TRPBF Datasheet HTML 7Page - Linear Technology LTC3561AIDD-TRPBF Datasheet HTML 8Page - Linear Technology LTC3561AIDD-TRPBF Datasheet HTML 9Page - Linear Technology LTC3561AIDD-TRPBF Datasheet HTML 10Page - Linear Technology LTC3561AIDD-TRPBF Datasheet HTML 11Page - Linear Technology LTC3561AIDD-TRPBF Datasheet HTML 12Page - Linear Technology LTC3561AIDD-TRPBF Datasheet HTML 13Page - Linear Technology LTC3561AIDD-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC3561A
10
3561af
APPLICATIONS INFORMATION
A general LTC3561A application circuit is shown in
Figure 4. External component selection is driven by the load
requirement, and begins with the selection of the inductor
L1. Once L1 is chosen, CIN and COUT can be selected.
Operating Frequency
Selection of the operating frequency is a trade-off between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values.
Operation at lower frequencies improves efficiency by
reducing internal gate charge losses but requires larger
inductance values and/or capacitance to maintain low
output ripple voltage.
The operating frequency, fO,oftheLTC3561Aisdetermined
by an external resistor that is connected between the RT
pin and ground. The value of the resistor sets the ramp
current that is used to charge and discharge an internal
timing capacitor within the oscillator and can be calculated
by using the following equation:
RT ≈ 5 × 107 (fO)–1.6508 (kΩ)
where fO is in kHz, or can be selected using Figure 1.
The maximum usable operating frequency is limited by
the minimum on-time and the duty cycle. This can be
calculated as:
f
O(MAX) ≈ 6.67 •
V
OUT
V
IN(MAX)
(MHz)
The minimum frequency is internally set at around
200kHz
Inductor Selection
The operating frequency, fO, has a direct effect on the
inductor value, which in turn influences the inductor ripple
current,
ΔIL:
ΔI
L =
V
OUT
f
O •L
•1
V
OUT
V
IN
⎝⎜
⎠⎟
The inductor ripple current decreases with larger induc-
tance or frequency, and increases with higher VIN or VOUT.
Accepting larger values of
ΔIL allows the use of lower
inductances, but results in higher output ripple voltage,
greater core loss and lower output capability.
A reasonable starting point for setting ripple current is
ΔIL = 0.4 • IOUT(MAX), where IOUT(MAX) is 1A. The largest
ripple current
ΔIL occurs at the maximum input voltage.
To guarantee that the ripple current stays below a specified
maximum, the inductor value should be chosen according
to the following equation:
L
=
V
OUT
f
O • ΔIL
•1
V
OUT
V
IN(MAX)
Inductor Core Selection
Different core materials and shapes will change the
size/current and price/current relationship of an induc-
tor. Toroid or shielded pot cores in ferrite or permalloy
materials are small and don’t radiate much energy, but
generally cost more than powdered iron core inductors
with similar electrical characteristics. The choice of which
style inductor to use often depends more on the price vs
Figure 1. Frequency vs RT
RT (kΩ)
0
0
500
1500
2000
2500
5000
4500
3561A F01
1000
400
800
1200
1600
3000
3500
4000
TA = 25°C


Similar Part No. - LTC3561AIDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3561A LINER-LTC3561A_15 Datasheet
361Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3561AIDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A_15 Datasheet
361Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561 Datasheet
232Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568_15 Datasheet
310Kb / 18P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411 Datasheet
288Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com