Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3561AIDD-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3561AIDD-PBF
Description  1A, 4MHz, Synchronous Step-Down DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3561AIDD-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC3561AIDD-PBF Datasheet HTML 1Page - Linear Technology LTC3561AIDD-PBF Datasheet HTML 2Page - Linear Technology LTC3561AIDD-PBF Datasheet HTML 3Page - Linear Technology LTC3561AIDD-PBF Datasheet HTML 4Page - Linear Technology LTC3561AIDD-PBF Datasheet HTML 5Page - Linear Technology LTC3561AIDD-PBF Datasheet HTML 6Page - Linear Technology LTC3561AIDD-PBF Datasheet HTML 7Page - Linear Technology LTC3561AIDD-PBF Datasheet HTML 8Page - Linear Technology LTC3561AIDD-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3561A
5
3561af
RDS(ON) vs Input Voltage
RDS(ON) vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
Dynamic Supply Current vs
Input Voltage
Supply Current vs
Temperature
Switch Leakage vs Input Voltage
Switch Leakage vs Temperature
Switching Waveforms
TA = 25°C, VIN = 3.6V, fO = 1MHz, unless otherwise noted.
INPUT VOLTAGE (V)
0.25
0.20
0.15
0.10
0.05
0.0
3561A G11
2.5
4.0
5.0
5.5
3.0
3.5
4.5
MAIN SWITCH
SYNCHRONOUS SWITCH
TEMPERATURE (°C)
0.30
0.25
0.20
0.15
0.10
0.05
0.0
3561A G12
–50
25
75
100
125
–25
0
50
MAIN SWITCH
SYNCHRONOUS SWITCH
VIN (V)
2.5
250
260
270
4
5
3561A G13
240
230
220
3
3.5
4.5
280
290
300
5.5
VOUT = 1.8V
ILOAD = 0A
TEMPERATURE (°C)
–50
340
25
3561A G14
280
240
–25
0
50
220
200
360
320
300
260
75
100
125
VOUT = 1.8V
ILOAD = 0A
INPUT VOLTAGE(V)
2500
2000
1500
1000
500
0
3561A G15
03
5
6
12
4
SYNCHRONOUS
SWITCH
MAIN SWITCH
TEMPERATURE (°C)
600
500
400
300
200
100
0
3561A G16
–50
25
75
100
125
–25
0
50
SYNCHRONOUS
SWITCH
MAIN SWITCH
VIN = 3.6V
VOUT = 1.8V
ILOAD = 5mA
SW
2V/DIV
VOUT
50mV/DIV
AC COUPLED
IL
200mA/DIV
3561A G18
4μs/DIV
Start-Up from Shutdown
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A
SHDN/RT
2V/DIV
VOUT
1V/DIV
IL
1A/DIV
3561A G20
200μs/DIV


Similar Part No. - LTC3561AIDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3561A LINER-LTC3561A_15 Datasheet
361Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3561AIDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A_15 Datasheet
361Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561 Datasheet
232Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568_15 Datasheet
310Kb / 18P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411 Datasheet
288Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com