Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3555EUFD-3-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3555EUFD-3-TRPBF
Description  High Effi ciency USB Power Manager Triple Step-Down DC/DC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3555EUFD-3-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC3555EUFD-3-TRPBF Datasheet HTML 1Page - Linear Technology LTC3555EUFD-3-TRPBF Datasheet HTML 2Page - Linear Technology LTC3555EUFD-3-TRPBF Datasheet HTML 3Page - Linear Technology LTC3555EUFD-3-TRPBF Datasheet HTML 4Page - Linear Technology LTC3555EUFD-3-TRPBF Datasheet HTML 5Page - Linear Technology LTC3555EUFD-3-TRPBF Datasheet HTML 6Page - Linear Technology LTC3555EUFD-3-TRPBF Datasheet HTML 7Page - Linear Technology LTC3555EUFD-3-TRPBF Datasheet HTML 8Page - Linear Technology LTC3555EUFD-3-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC3555/LTC3555-X
5
3555fd
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSU_STD
Stop Condition Time
0.6
μs
tHD_DAT(OUT)
Data Hold Time
225
ns
tHD_DAT(IN)
Input Data Hold Time
0
900
ns
tSU_DAT
Data Setup Time
100
ns
tLOW
Clock Low Period
1.3
μs
tHIGH
Clock High Period
0.6
μs
tf
Clock Data Fall Time
20
300
ns
tr
Clock Data Rise Time
20
300
ns
tSP
Spike Suppression Time
50
ns
General Purpose Switching Regulators 1, 2 and 3
VIN1,2,3
Input Supply Voltage
2.7
5.5
V
VOUTUVLO
VOUT UVLO—VOUT Falling
VOUT UVLO—VOUT Rising
VIN1,2,3 Connected to VOUT Through Low
Impedance. Switching Regulators are Disabled in
UVLO
2.5
2.6
2.8
2.9
V
V
fOSC
Oscillator Frequency
1.8
2.25
2.7
MHz
IFB1,2,3
FBx Input Current
VFB1,2,3 = 0.85V
–50
50
nA
D1,2,3
Maximum Duty Cycle
100
%
RSW1,2,3_PD
SWx Pull-Down in Shutdown
10
General Purpose Switching Regulator 1
IVIN1
Pulse Skip Mode Input Current
Burst Mode Input Current
Forced Burst Mode
® Input Current
LDO Mode Input Current
Shutdown Input Current
IOUT1 = 0μA (Note 6)
IOUT1 = 0μA (Note 6)
IOUT1 = 0μA (Note 6)
IOUT1 = 0μA (Note 6)
IOUT1 = 0μA, FB1 = 0V
225
35
20
20
60
35
35
1
μA
μA
μA
μA
μA
ILIMSW1
PMOS Switch Current Limit
Pulse Skip/Burst Mode Operation
600
800
1100
mA
IOUT1
Available Output Current
Pulse Skip/Burst Mode Operation (Note 7)
Forced Burst Mode Operation (Note 7)
LDO Mode (Note 7)
400
60
50
mA
mA
mA
VFB1
VFB1 Servo Voltage
(Note 8)
l
0.78
0.80
0.82
V
RP1
PMOS RDS(ON)
0.6
Ω
RN1
NMOS RDS(ON)
0.7
Ω
RLDO_CL1
LDO Mode Closed-Loop ROUT
0.25
Ω
RLDO_OL1
LDO Mode Open-Loop ROUT
(Note 9)
2.5
Ω
General Purpose Switching Regulator 2
IVIN2
Pulse Skip Mode Input Current
Burst Mode Input Current
Forced Burst Mode Input Current
LDO Mode Input Current
Shutdown Input Current
IOUT2 = 0μA (Note 6)
IOUT2 = 0μA (Note 6)
IOUT2 = 0μA (Note 6)
IOUT2 = 0μA (Note 6)
IOUT2 = 0μA, FB2 = 0V
225
35
20
20
60
35
35
1
μA
μA
μA
μA
μA
ILIMSW2
PMOS Switch Current Limit
Pulse Skip/Burst Mode Operation
600
800
1100
mA
IOUT2
Available Output Current
Pulse Skip/Burst Mode Operation (Note 7)
Forced Burst Mode Operation (Note 7)
LDO Mode (Note 7)
400
60
50
mA
mA
mA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, BAT = 3.8V, DVCC = 3.3V, RPROG = 1k, RCLPROG = 3k,
unless otherwise noted.
Burst Mode is a registered trademark of Linear Technology Corporation.


Similar Part No. - LTC3555EUFD-3-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3555-X LINER-LTC3555-X_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC3555 LINER-LTC3555_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
More results

Similar Description - LTC3555EUFD-3-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3555 LINER-LTC3555_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC3555-X LINER-LTC3555-X_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC4088 LINER-LTC4088 Datasheet
276Kb / 24P
   High Effi ciency Battery Charger/USB Power Manager
LTC3556 LINER-LTC3556_15 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556 LINER-LTC3556 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTM4600 LINER-LTM4600_06 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTC3566 LINER-LTC3566 Datasheet
262Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
LTM4600 LINER-LTM4600 Datasheet
356Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4602 LINER-LTM4602 Datasheet
327Kb / 24P
   6A High Effi ciency DC/DC 關Module
LTC1877 LINER-LTC1877_15 Datasheet
245Kb / 18P
   High Effi ciency Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com