Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3555EUFD-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3555EUFD-TRPBF
Description  High Effi ciency USB Power Manager Triple Step-Down DC/DC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3555EUFD-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3555EUFD-TRPBF Datasheet HTML 6Page - Linear Technology LTC3555EUFD-TRPBF Datasheet HTML 7Page - Linear Technology LTC3555EUFD-TRPBF Datasheet HTML 8Page - Linear Technology LTC3555EUFD-TRPBF Datasheet HTML 9Page - Linear Technology LTC3555EUFD-TRPBF Datasheet HTML 10Page - Linear Technology LTC3555EUFD-TRPBF Datasheet HTML 11Page - Linear Technology LTC3555EUFD-TRPBF Datasheet HTML 12Page - Linear Technology LTC3555EUFD-TRPBF Datasheet HTML 13Page - Linear Technology LTC3555EUFD-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC3555/LTC3555-X
10
3555fd
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Regulators 1, 2
Pulse Skip Mode Efficiency
Switching Regulators 1, 2
Burst Mode Efficiency
Switching Regulators 1, 2
Forced Burst Mode Efficiency
Switching Regulator 3
Pulse Skip Mode Efficiency
Switching Regulator 3
Burst Mode Efficiency
Switching Regulator 3
Forced Burst Mode Efficiency
Switching Regulators 1, 2 Load
Regulation at VOUT1,2 = 1.2V
Switching Regulators 1, 2 Load
Regulation at VOUT1,2 = 1.8V
Switching Regulators 1, 2 Load
Regulation at VOUT1,2 = 2.5V
LOAD CURRENT (mA)
1
40
50
60
70
80
10
100
1000
3555 G28
30
20
10
0
90
100
VOUT1,2 = 2.5V
VOUT1,2 = 1.2V
VOUT1,2 = 1.8V
VIN1,2 = 3.8V
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3555 G29
0
1
VOUT1,2 = 2.5V
VOUT1,2 = 1.2V
VOUT1,2 = 1.8V
VIN1,2 = 3.8V
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3555 G30
0
1
VOUT1,2 = 2.5V
VOUT1,2 = 1.2V
VOUT1,2 = 1.8V
VIN1,2 = 3.8V
LOAD CURRENT (mA)
1
40
50
60
70
80
10
100
1000
3555 G31
30
20
10
0
90
100
VOUT3 = 2.5V
VOUT3 = 1.2V
VOUT3 = 1.8V
VIN3 = 3.8V
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3555 G32
0
1
VOUT3 = 2.5V
VOUT3 = 1.2V
VOUT3 = 1.8V
VIN3 = 3.8V
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3555 G33
0
1
VOUT3 = 2.5V
VOUT3 = 1.2V
VOUT3 = 1.8V
VIN3 = 3.8V
LOAD CURRENT (mA)
1.185
1.200
1.215
1.230
0.1
10
100
1000
3555 G34
1.170
1
VIN1,2 = 3.8V
Burst Mode
OPERATION
FORCED
Burst Mode
OPERATION
PULSE SKIP
MODE
LOAD CURRENT (mA)
1.778
1.800
1.823
1.845
0.1
10
100
1000
3555 G35
1.755
1
VIN1,2 = 3.8V
Burst Mode OPERATION
FORCED
Burst Mode
OPERATION
PULSE SKIP MODE
LOAD CURRENT (mA)
2.47
2.50
2.53
2.56
0.1
10
100
1000
3555 G36
2.44
1
VIN1,2 = 3.8V
Burst Mode OPERATION
FORCED
Burst Mode
OPERATION
PULSE SKIP MODE


Similar Part No. - LTC3555EUFD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3555-X LINER-LTC3555-X_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC3555 LINER-LTC3555_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
More results

Similar Description - LTC3555EUFD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3555 LINER-LTC3555_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC3555-X LINER-LTC3555-X_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC4088 LINER-LTC4088 Datasheet
276Kb / 24P
   High Effi ciency Battery Charger/USB Power Manager
LTC3556 LINER-LTC3556_15 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556 LINER-LTC3556 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTM4600 LINER-LTM4600_06 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTC3566 LINER-LTC3566 Datasheet
262Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
LTM4600 LINER-LTM4600 Datasheet
356Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4602 LINER-LTM4602 Datasheet
327Kb / 24P
   6A High Effi ciency DC/DC 關Module
LTC1877 LINER-LTC1877_15 Datasheet
245Kb / 18P
   High Effi ciency Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com