Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3556EUFD-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3556EUFD-TRPBF
Description  High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3556EUFD-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC3556EUFD-TRPBF Datasheet HTML 1Page - Linear Technology LTC3556EUFD-TRPBF Datasheet HTML 2Page - Linear Technology LTC3556EUFD-TRPBF Datasheet HTML 3Page - Linear Technology LTC3556EUFD-TRPBF Datasheet HTML 4Page - Linear Technology LTC3556EUFD-TRPBF Datasheet HTML 5Page - Linear Technology LTC3556EUFD-TRPBF Datasheet HTML 6Page - Linear Technology LTC3556EUFD-TRPBF Datasheet HTML 7Page - Linear Technology LTC3556EUFD-TRPBF Datasheet HTML 8Page - Linear Technology LTC3556EUFD-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTC3556
5
3556f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, VIN1 = VIN2 = VIN3 = VOUT3 = 3.8V, BAT = 3.8V, DVCC = 3.3V,
RPROG = 1k, RCLPROG = 3.01k, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tHD_DAT(I)
Data Hold Time Input
0
ns
tSU_DAT
Data Setup Time
100
ns
tLOW
SCL Clock Low Period
1.3
μs
tHIGH
SCL Clock High Period
0.6
μs
tf
Clock/Data Fall Time
CB = Capacitance of One BUS Line (pF)
20 + 0.1CB
300
ns
tr
Clock/Data Rise Time
CB = Capacitance of One BUS Line (pF)
20 + 0.1CB
300
ns
tSP
Input Spike Suppression Pulse Width
50
ns
Switching Regulators 1, 2 and 3
VIN1,2,3
Input Supply Voltage
2.7
5.5
V
VOUTUVLO
VOUT UVLO—VOUT Falling
VOUT UVLO—VOUT Rising
VIN1,2,3 Connected to VOUT Through Low
Impedance. Switching Regulators are
Disabled in UVLO
2.5
2.6
2.8
2.9
V
V
fOSC
Oscillator Frequency
l
1.8
2.25
2.7
MHz
Switching Regulator 1 (Buck)
IVIN1
Pulse Skip Mode Input Current
Burst Mode
® Input Current
Forced Burst Mode Input Current
LDO Mode Input Current
Shutdown Input Current
IOUT1 = 0μA (Note 6)
IOUT1 = 0μA (Note 6)
IOUT1 = 0μA (Note 6)
IOUT1 = 0μA (Note 6)
IOUT1 = 0μA, FB1 = 0V
225
35
20
20
400
60
35
35
1
μA
μA
μA
μA
μA
ILIM1
PMOS Switch Current Limit
Pulse Skip/Burst Mode Operation
600
800
1100
mA
IOUT1
Available Output Current
Pulse Skip/Burst Mode Operation (Note 9)
Forced Burst Mode Operation (Note 9)
LDO Mode (Note 9)
400
60
50
mA
mA
mA
VFBHIGH1
Maximum Servo Voltage
Full Scale (1, 1, 1, 1) (Note 7)
l
0.780
0.800
0.820
V
VFBLOW1
Minimum Servo Voltage
Zero Scale (0, 0, 0, 0) (Note 7)
l
0.405
0.425
0.445
V
VLSB1
VFB1 Servo Voltage Step Size
25
mV
RP1
PMOS RDS(ON)
0.6
Ω
RN1
NMOS RDS(ON)
0.7
Ω
RLDO_CL1
LDO Mode Closed-Loop ROUT
0.25
Ω
RLDO_OL1
LDO Mode Open-Loop ROUT
(Note 8)
2.5
Ω
IFB1
FB1 Input Current
VFB1 = 0.85V
–50
50
nA
D1
Maximum Duty Cycle
l
100
%
RSW1
SW1 Pull-Down in Shutdown
10
Switching Regulator 2 (Buck)
IVIN2
Pulse Skip Mode Input Current
Burst Mode Input Current
Forced Burst Mode Input Current
LDO Mode Input Current
Shutdown Input Current
IOUT2 = 0μA (Note 6)
IOUT2 = 0μA (Note 6)
IOUT2 = 0μA (Note 6)
IOUT2 = 0μA (Note 6)
IOUT2 = 0μA, FB2 = 0V
225
35
20
20
400
60
35
35
1
μA
μA
μA
μA
μA
ILIM2
PMOS Switch Current Limit
Pulse Skip/Burst Mode Operation
600
800
1100
mA
IOUT2
Available Output Current
Pulse Skip/Burst Mode Operation (Note 9)
Forced Burst Mode Operation (Note 9)
LDO Mode (Note 9)
400
60
50
mA
mA
mA
Burst Mode is a registered trademark of Linear Technology Corporation.


Similar Part No. - LTC3556EUFD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3556 LINER-LTC3556 Datasheet
570Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3556 LINER-LTC3556_15 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
More results

Similar Description - LTC3556EUFD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3556 LINER-LTC3556_15 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3586 LINER-LTC3586 Datasheet
315Kb / 36P
   High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3566 LINER-LTC3566 Datasheet
262Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
LTC3567 LINER-LTC3567_15 Datasheet
281Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
LTC3567 LINER-LTC3567 Datasheet
273Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
   High Effi ciency Buck-Boost DC/DC 關Module
LTC3785-1 LINER-LTC3785-1_15 Datasheet
224Kb / 20P
   10V, High Effi ciency, Buck-Boost Controller with Power Good
LTC3785-1 LINER-LTC3785-1 Datasheet
240Kb / 20P
   10V, High Effi ciency, Buck-Boost Controller with Power Good
LTC3586 LINER-LTC3586_15 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586-1 LINER-LTC3586-1_15 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com