Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3557 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3557
Description  USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3557 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3557 Datasheet HTML 6Page - Linear Technology LTC3557 Datasheet HTML 7Page - Linear Technology LTC3557 Datasheet HTML 8Page - Linear Technology LTC3557 Datasheet HTML 9Page - Linear Technology LTC3557 Datasheet HTML 10Page - Linear Technology LTC3557 Datasheet HTML 11Page - Linear Technology LTC3557 Datasheet HTML 12Page - Linear Technology LTC3557 Datasheet HTML 13Page - Linear Technology LTC3557 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC3557/LTC3557-1
10
35571fc
PIN FUNCTIONS
VIN2 (Pin 16): Power Input for Step-Down Switching Regu-
lators 2 and 3. This pin will generally be connected to VOUT.
SW3 (Pin 17): Power Transmission (Switch) Pin for
Step-Down Switching Regulator 3.
VNTC (Pin 18): Output Bias Voltage for NTC. A resistor from
this pin to the NTC pin will bias the NTC thermistor.
NTC (Pin 19): The NTC pin connects to a battery’s thermistor
to determine if the battery is too hot or too cold to charge. If
the battery’s temperature is out of range, charging is paused
until it drops back into range. A low drift bias resistor is
required from VNTCtoNTCandathermistorisrequiredfrom
NTC to ground. If the NTC function is not desired, the NTC
pin should be grounded.
PROG (Pin 20): Charge Current Program and Charge
Current Monitor Pin. Connecting a resistor from PROG to
ground programs the charge current:
I
CHG(A) =
1000V
R
PROG
If sufficient input power is available in constant current
mode, this pin servos to 1V. The voltage on this pin always
represents the actual charge current.
GATE (Pin 21): Ideal Diode Gate Connection. This pin
controls the gate of an optional external P-channel MOSFET
transistor used to supplement the internal ideal diode. The
source of the P-channel MOSFET should be connected
to VOUT and the drain should be connected to BAT. It is
important to maintain high impedance on this pin and
minimize all leakage paths.
BAT (Pin 22): Single Cell Li-Ion Battery Pin. Depending on
available power and load, a Li-Ion battery on BAT will either
deliver system power to VOUT through the ideal diode or be
charged from the battery charger.
VOUT (Pin 23): Output Voltage of the PowerPath Controller
and Input Voltage of the Battery Charger. The majority of
the portable product should be powered from VOUT. The
LTC3557/LTC3557-1 will partition the available power
between the external load on VOUT and the internal battery
charger. Priority is given to the external load and any extra
power is used to charge the battery. An ideal diode from
BAT to VOUT ensures that VOUT is powered even if the load
exceeds the allotted input current from VBUS or if the VBUS
power source is removed. VOUT should be bypassed with
a low impedance multilayer ceramic capacitor. The total
capacitance on VOUT should maintain a minimum of 5μF
over operating voltage and temperature.
VBUS (Pin 24): USB Input Voltage. VBUS will usually be
connected to the USB port of a computer or a DC output wall
adapter. VBUS should be bypassed with a low impedance
multilayer ceramic capacitor.
ACPR (Pin 25): Wall Adapter Present Output (Active
Low). A low on this pin indicates that the wall adapter
input comparator has had its input pulled above its input
threshold (typically 4.3V). This pin can be used to drive the
gate of an external P-channel MOSFET to provide power to
VOUT from a power source other than a USB port.
VC (Pin 26): High Voltage Buck Regulator Control Pin. This
pin can be used to drive the VC pin of an approved external
highvoltagebuckswitchingregulator.AnexternalP-channel
MOSFET is required to provide power to VOUT with its gate
tied to the ACPR pin. The VC pin is designed to work with the
LT
®3480, LT3481 and LT3505.
CLPROG (Pin 27): Input Current Program and Input Current
Monitor Pin. A resistor from CLPROG to ground determines
the upper limit of the current drawn from the VBUS pin
(i.e., the input current limit). A precise fraction of the input
current, hCLPROG, is sent to the CLPROG pin. The input
PowerPath delivers current until the CLPROG pin reaches
2.0V (10x Mode), 1.0V (5x Mode) or 0.2V (1x Mode).
Therefore, the current drawn from VBUS will be limited to an
amount given by hCLPROGandRCLPROG.InUSBapplications
the resistor RCLPROG should be set to no less than 2.1k.
CHRG (Pin 28): Open-Drain Charge Status Output. The
CHRG pin indicates the status of the battery charger.
Four possible states are represented by CHRG: charging,
not charging (i.e., float charge current less than 1/10th
programmed charge current), unresponsive battery (i.e., its
voltage remains below 2.8V after 1/2 hour of charging) and
battery temperature out of range. CHRG requires a pull-up
resistor and/or LED to provide indication.
Exposed Pad (Pin 29): Ground. The exposed package pad
is ground and must be soldered to the PC board for proper
functionality and for maximum heat transfer.


Similar Part No. - LTC3557

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3557-1 LINER-LTC3557-1_15 Datasheet
323Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
LTC3557 LINER-LTC3557_15 Datasheet
323Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
More results

Similar Description - LTC3557

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3557-1 LINER-LTC3557-1_15 Datasheet
323Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
LTC3557 LINER-LTC3557_15 Datasheet
323Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
LTC3554-1 LINER-LTC3554-1_15 Datasheet
525Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554 LINER-LTC3554_15 Datasheet
525Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554-2 LINER-LTC3554-2_15 Datasheet
525Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554-3 LINER-LTC3554-3_15 Datasheet
525Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554 LINER-LTC3554 Datasheet
435Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC4067 LINER-LTC4067_15 Datasheet
233Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4067 LINER-LTC4067 Datasheet
216Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com