Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3552EDHC-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3552EDHC-1
Description  Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3552EDHC-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC3552EDHC-1 Datasheet HTML 1Page - Linear Technology LTC3552EDHC-1 Datasheet HTML 2Page - Linear Technology LTC3552EDHC-1 Datasheet HTML 3Page - Linear Technology LTC3552EDHC-1 Datasheet HTML 4Page - Linear Technology LTC3552EDHC-1 Datasheet HTML 5Page - Linear Technology LTC3552EDHC-1 Datasheet HTML 6Page - Linear Technology LTC3552EDHC-1 Datasheet HTML 7Page - Linear Technology LTC3552EDHC-1 Datasheet HTML 8Page - Linear Technology LTC3552EDHC-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3552-1
3
35521fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VPROG
PROG Pin Voltage
RPROG = 10k, Current Mode
0.93
1
1.07
V
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA
0.35
0.6
V
VPWR
PWR Pin Output Low Voltage
IPWR = 5mA
0.35
0.6
V
ΔVRECHRG
Recharge Battery Threshold Voltage
VFLOAT – VRECHRG, 0°C < TA < 85°C
60
100
140
mV
TLIM
Junction Temperature in Constant-
Temperature Mode
120
°C
RON-CHRG
Charger’s Power FET “ON” Resistance
(Between VIN and BAT)
600
m
Ω
tSS-CHRG
Charger Soft-Start Time
IBAT = 0 to IBAT = 1000V/RPROG
100
µs
tRECHRG
Recharge Comparator Filter Time
VBAT High to Low
0.75
2
4.5
ms
tTERM
Termination Comparator Filter Time
IBAT Drops Below Charge Termination
Threshold
0.4
1
2.5
ms
Switching Regulator
VCC
Operating Voltage Range for Converter
2.5
5.5
V
VOUT1
Output Voltage Feedback of Regulator 1
0°C ≤ TA ≤ 85°C (Note 5)
–40°C ≤ TA ≤ 85°C (Note 5)
1.764
1.755
1.8
1.8
1.836
1.836
V
V
VOUT2
Output Voltage Feedback of Regulator 2
0°C ≤ TA ≤ 85°C (Note 5)
–40°C ≤ TA ≤ 85°C (Note 5)
1.544
1.536
1.575
1.575
1.607
1.607
V
V
ΔVLINE_REG
Reference Voltage Line Regulation
VCC = 2.5V to 5.5V (Note 5)
0.3
0.5
%/V
ΔVLOAD_REG
Output Voltage Load Regulation
(Note 5)
0.5
%
IS
Input DC Supply Current (Note 6)
Active Mode
Sleep Mode
Shutdown
VOUT1 = 1.5V, VOUT2 = 1.3V
VOUT1 = 1.89V, VOUT2 = 1.65V
RUN = 0V, VCC = 5.5V
700
40
0.1
950
60
1
µA
µA
µA
fOSC
Oscillator Frequency
VOUT1 = 1.8V, VOUT2 = 1.575V
1.8
2.25
2.7
MHz
ILIM
Peak Switch Current Limit Regulator 1
Peak Switch Current Limit Regulator 2
VCC = 3V, Duty Cycle < 35%
VCC = 3V, Duty Cycle < 35%
0.95
0.6
1.2
0.7
1.6
0.9
A
A
RDS(ON)
Converter Top Switch On-Resistance
Converter Bottom Switch On-Resistance
(Note 7)
(Note 7)
0.35
0.3
0.45
0.45
Ω
Ω
ISW(LKG)
Switch Leakage Current
VCC = 5V, VRUN = 0V, VFB = 0V
0.01
1
µA
VRUN
RUN Threshold Voltage
0.3
1
1.5
V
IRUN
RUN Leakage Current
0.01
1
µA
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VCC = 3.6V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3552E-1 is guaranteed to meet performance specifications
from 0°C to 85°C Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Failure to solder the exposed backside of the package to the PC
board will result in a thermal resistance much higher than 40°C/W. See
Thermal Considerations.
Note 4: Supply current includes PROG pin current and ITERM pin current
(approximately 100µA each) but does not include any current delivered to
the battery through the BAT pin (approximately 100mA).
Note 5: The converter is tested in a proprietary test mode that connects
the output of the error amplifier to the SW pin, which is connected to an
external servo loop.
Note 6: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 7: The regulator power switch on-resistances are guaranteed by
correlation to wafer level measurements.
Note 8: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • θJA)


Similar Part No. - LTC3552EDHC-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3552EDHC LINER-LTC3552EDHC Datasheet
326Kb / 24P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
More results

Similar Description - LTC3552EDHC-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3552 LINER-LTC3552 Datasheet
326Kb / 24P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552 LINER-LTC3552_15 Datasheet
332Kb / 24P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552-1 LINER-LTC3552-1_15 Datasheet
300Kb / 20P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
   Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
   800mA Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
LP4075 POWER-LP4075 Datasheet
310Kb / 7P
   600mA Standalone Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com