Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3550 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3550
Description  Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3550 Datasheet(HTML) 3 Page - Linear Technology

  LTC3550 Datasheet HTML 1Page - Linear Technology LTC3550 Datasheet HTML 2Page - Linear Technology LTC3550 Datasheet HTML 3Page - Linear Technology LTC3550 Datasheet HTML 4Page - Linear Technology LTC3550 Datasheet HTML 5Page - Linear Technology LTC3550 Datasheet HTML 6Page - Linear Technology LTC3550 Datasheet HTML 7Page - Linear Technology LTC3550 Datasheet HTML 8Page - Linear Technology LTC3550 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC3550
3
3550fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Battery Charger
IDCIN
DCIN Supply Current
Charge Mode (Note 5)
Standby Mode
Shutdown Mode
RIDC = 10k
Charge Terminated
ENABLE = 5V
250
50
20
800
100
40
µA
µA
µA
IUSBIN
USBIN Supply Current
Charge Mode (Note 6)
Standby Mode
Shutdown Mode
Shutdown Mode
RIUSB = 10k, VDCIN = 0V
Charge Terminated
VDCIN = 0V, ENABLE = 0V
VDCIN > VUSBIN
250
50
18
10
800
100
36
20
µA
µA
µA
µA
VFLOAT
Regulated Output (Float) Voltage
IBAT = 1mA
IBAT = 1mA, 0°C < TA < 85°C
4.175
4.158
4.2
4.2
4.225
4.242
V
V
IBAT
BAT Pin Current
Constant-Current Mode
Constant-Current Mode
Constant-Current Mode
Standby Mode
Shutdown Mode
Sleep Mode
RIDC = 1.25k
RIUSB = 2.1k
RIDC = 10k or RIUSB = 10k
Charge Terminated
Charger Disabled
DCIN = 0V, USBIN = 0V
760
450
93
800
476
100
–3
–1
±1
840
500
107
–6
–2
±2
mA
mA
mA
µA
µA
µA
VIDC
IDC Pin Regulated Voltage
Constant-Current Mode
0.95
1.0
1.05
V
VIUSB
IUSB Pin Regulated Voltage
Constant-Current Mode
0.95
1.0
1.05
V
ITERMINATE
Charge Current Termination Threshold
RITERM = 1k
RITERM = 2k
RITERM = 10k
RITERM = 20k
90
45
8.5
4
100
50
10
5
110
55
11.5
6
mA
mA
mA
mA
ITRIKL
Trickle Charge Current
VBAT < VTRIKL; RIDC = 1.25k
VBAT < VTRIKL; RIUSB = 2.1k
60
30
80
47.5
100
65
mA
mA
VTRIKL
Trickle Charge Threshold Voltage
VBAT Rising
Hysteresis
2.8
2.9
100
3V
mV
ΔVRECHRG
Recharge Battery Threshold Voltage
VFLOAT – VRECHRG, 0°C < TA < 85°C
65
100
135
mV
tRECHRG
Recharge Comparator Filter Time
VBAT from High to Low
3
6
9
ms
tTERMINATE
Termination Comparator Filter Time
IBAT Drops Below Termination Threshold
0.8
1.5
2.2
ms
tSS
Soft-Start Time
IBAT = 10% to 90% Full-Scale
175
250
325
µs
RON-DC
Power FET On-Resistance (Between
DCIN and BAT)
400
m
Ω
RON-USB
Power FET On-Resistance (Between
USBIN and BAT)
550
m
Ω
TLIM
Junction Temperature in Constant-
Temperature Mode
105
°C
Switching Regulator
VFB
Regulated Feedback Voltage
TA = 25°C
0°C ≤ TA ≤ 85°C
–40°C ≤ TA ≤ 85°C
0.5880
0.5865
0.5850
0.6
0.6
0.6
0.6120
0.6135
0.6150
V
V
V
ΔVFB
Reference Voltage Line Regulation
0.04
0.4
%/V
IPK
Peak Inductor Current
VCC = 3V, VFB = 0.5V
0.75
1
1.25
A
VLOADREG
Output Voltage Load Regulation
0.5
%
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 5V, VUSBIN = 5V, VCC = 3.6V unless otherwise noted.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC3550

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3550-1 LINER-LTC3550-1 Datasheet
352Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC3550-1 LINER-LTC3550-1_15 Datasheet
358Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC3550EDHC-1 LINER-LTC3550EDHC-1 Datasheet
352Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC3550 LINER-LTC3550_15 Datasheet
326Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
More results

Similar Description - LTC3550

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3550-1 LINER-LTC3550-1 Datasheet
352Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC3550-1 LINER-LTC3550-1_15 Datasheet
358Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC3550 LINER-LTC3550_15 Datasheet
326Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC4075 LINER-LTC4075 Datasheet
188Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075X LINER-LTC4075X_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075 LINER-LTC4075_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
logo
Billiton Ltd.
TP4058 ASIC-TP4058 Datasheet
821Kb / 12P
   600mA Linear Li-Ion Battery Charger
logo
Will Semiconductor Ltd.
WS4508E WILLSEMI-WS4508E Datasheet
456Kb / 11P
   600mA, Single Li-ion Battery Charger
logo
STMicroelectronics
STW4102 STMICROELECTRONICS-STW4102_08 Datasheet
539Kb / 34P
   Dual USB/wall adapter Li-ion battery charger with gas gauge
logo
Billiton Ltd.
TP4059 ASIC-TP4059 Datasheet
813Kb / 12P
   600mA Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com