Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3548EDD-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3548EDD-TRPBF
Description  Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548EDD-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3548EDD-TRPBF Datasheet HTML 3Page - Linear Technology LTC3548EDD-TRPBF Datasheet HTML 4Page - Linear Technology LTC3548EDD-TRPBF Datasheet HTML 5Page - Linear Technology LTC3548EDD-TRPBF Datasheet HTML 6Page - Linear Technology LTC3548EDD-TRPBF Datasheet HTML 7Page - Linear Technology LTC3548EDD-TRPBF Datasheet HTML 8Page - Linear Technology LTC3548EDD-TRPBF Datasheet HTML 9Page - Linear Technology LTC3548EDD-TRPBF Datasheet HTML 10Page - Linear Technology LTC3548EDD-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3548
7
3548fa
decrease causes the error amplifier to increase the ITH
voltage until the average inductor current matches the
new load current.
The main control loop is shut down by pulling the RUN
pin to ground.
Low Current Operation
By selecting MODE/SYNC (pin 6), two modes are available
to control the operation of the LTC3548 at low currents. Both
modes automatically switch from continuous operation to
the selected mode when the load current is low.
To optimize efficiency, the Burst Mode operation can be
selected. When the load is relatively light, the LTC3548
automatically switches into Burst Mode operation, in which
the PMOS switch operates intermittently based on load
demand with a fixed peak inductor current. By running
cycles periodically, the switching losses which are domi-
nated by the gate charge losses of the power MOSFETs
are minimized. The main control loop is interrupted when
the output voltage reaches the desired regulated value. A
voltage comparator trips when ITH is below 0.35V, shutting
off the switch and reducing the power. The output capaci-
tor and the inductor supply the power to the load until ITH
exceeds 0.65V, turning on the switch and the main control
loop which starts another cycle.
For lower ripple noise at low currents, the pulse skipping
mode can be used. In this mode, the LTC3548 continues
to switch at a constant frequency down to very low cur-
rents, where it will begin skipping pulses. The efficiency in
pulse skip mode can be improved slightly by connecting
the SW node to the MODE/SYNC input which reduces the
clock frequency by approximately 30%.
Dropout Operation
When the input supply voltage decreases toward the
output voltage, the duty cycle increases to 100% which
is the dropout condition. In dropout, the PMOS switch is
turned on continuously with the output voltage being equal
to the input voltage minus the voltage drops across the
internal p-channel MOSFET and the inductor.
An important design consideration is that the RDS(ON)
of the P-channel switch increases with decreasing input
supply voltage (See Typical Performance Characteristics).
Therefore, the user should calculate the power dissipation
when the LTC3548 is used at 100% duty cycle with low
input voltage (See Thermal Considerations in the Applica-
tions Information Section).
Low Supply Operation
To prevent unstable operation, the LTC3548 incorporates
an Under-Voltage Lockout circuit which shuts down the
part when the input voltage drops below about 1.65V.
A general LTC3548 application circuit is shown in
Figure 2. External component selection is driven by the
load requirement, and begins with the selection of the
inductor L. Once the inductor is chosen, CIN and COUT
can be selected.
Inductor Selection
Although the inductor does not influence the operat-
ing frequency, the inductor value has a direct effect on
ripple current. The inductor ripple current ΔIL decreases
with higher inductance and increases with higher VIN or
VOUT:
IL =
VOUT
fO •L
•1–
VOUT
VIN
Accepting larger values of ΔIL allows the use of low
inductances, but results in higher output voltage ripple,
greater core losses, and lower output current capability.
A reasonable starting point for setting ripple current is
ΔIL = 0.3 • IOUT(MAX), where IOUT(MAX) is 800mA for chan-
nel 1 and 400mA for channel 2. The largest ripple current
ΔIL occurs at the maximum input voltage. To guarantee
that the ripple current stays below a specified maximum,
the inductor value should be chosen according to the
following equation:
L =
VOUT
fO • IL
•1–
VOUT
VIN(MAX)
OPERATION
APPLICATIONS INFORMATION


Similar Part No. - LTC3548EDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548EDD-1-PBF LINER-LTC3548EDD-1-PBF Datasheet
938Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548EDD-1-TRPBF LINER-LTC3548EDD-1-TRPBF Datasheet
938Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548EDD-2 LINER-LTC3548EDD-2 Datasheet
243Kb / 16P
   Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3548EDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A Datasheet
250Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com