Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3550EDHC-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3550EDHC-1
Description  Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3550EDHC-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC3550EDHC-1 Datasheet HTML 1Page - Linear Technology LTC3550EDHC-1 Datasheet HTML 2Page - Linear Technology LTC3550EDHC-1 Datasheet HTML 3Page - Linear Technology LTC3550EDHC-1 Datasheet HTML 4Page - Linear Technology LTC3550EDHC-1 Datasheet HTML 5Page - Linear Technology LTC3550EDHC-1 Datasheet HTML 6Page - Linear Technology LTC3550EDHC-1 Datasheet HTML 7Page - Linear Technology LTC3550EDHC-1 Datasheet HTML 8Page - Linear Technology LTC3550EDHC-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC3550-1
4
35501f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fOSC
Oscillator Frequency
VOUT = 100%
VOUT = 0V
1.2
1.5
210
1.8
MHz
kHz
RPFET
RDS(ON) of P-Channel FET
0.4
Ω
RNFET
RDS(ON) of N-Channel FET
0.35
Ω
ILSW
SW Leakage Current
0.01
±1
µA
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 5V, VUSBIN = 5V, VCC = 3.6V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Guaranteed by long term current density limitations.
Note 3: The LTC3550E-1 is guaranteed to meet the performance
specifications from 0°C to 70°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 4: Failure to solder the exposed backside of the package to the PC
board will result in a thermal resistance much higher than 40°C/W. See
Thermal Considerations.
Note 5: Supply Current includes IDC and ITERM pin current (approx-
imately 100μA each) but does not include any current delivered to the
battery through the BAT pin (approximately 100mA).
Note 6: Supply Current includes IUSB and ITERM pin current (approx-
imately 100μA each) but does not include any current delivered to the
battery through the BAT pin (approximately 100mA).
Note 7: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.


Similar Part No. - LTC3550EDHC-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3550EDHC LINER-LTC3550EDHC Datasheet
320Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
More results

Similar Description - LTC3550EDHC-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3550-1 LINER-LTC3550-1_15 Datasheet
358Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC3550 LINER-LTC3550 Datasheet
320Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC3550 LINER-LTC3550_15 Datasheet
326Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC4075 LINER-LTC4075 Datasheet
188Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075X LINER-LTC4075X_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075 LINER-LTC4075_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
logo
Billiton Ltd.
TP4058 ASIC-TP4058 Datasheet
821Kb / 12P
   600mA Linear Li-Ion Battery Charger
logo
Will Semiconductor Ltd.
WS4508E WILLSEMI-WS4508E Datasheet
456Kb / 11P
   600mA, Single Li-ion Battery Charger
logo
STMicroelectronics
STW4102 STMICROELECTRONICS-STW4102_08 Datasheet
539Kb / 34P
   Dual USB/wall adapter Li-ion battery charger with gas gauge
logo
Billiton Ltd.
TP4059 ASIC-TP4059 Datasheet
813Kb / 12P
   600mA Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com