Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3548EKD-1-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3548EKD-1-PBF
Description  Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548EKD-1-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3548EKD-1-PBF Datasheet HTML 1Page - Linear Technology LTC3548EKD-1-PBF Datasheet HTML 2Page - Linear Technology LTC3548EKD-1-PBF Datasheet HTML 3Page - Linear Technology LTC3548EKD-1-PBF Datasheet HTML 4Page - Linear Technology LTC3548EKD-1-PBF Datasheet HTML 5Page - Linear Technology LTC3548EKD-1-PBF Datasheet HTML 6Page - Linear Technology LTC3548EKD-1-PBF Datasheet HTML 7Page - Linear Technology LTC3548EKD-1-PBF Datasheet HTML 8Page - Linear Technology LTC3548EKD-1-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3548-1
4
35481fb
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Input Voltage
Oscillator Frequency
vs Temperature
Oscillator Frequency
vs Input Voltage
Output Voltage Error
vs Temperature
RDS(ON) vs Input Voltage
RDS(ON) vs Junction Temperature
Efficiency vs Load Current
Load Regulation
Line Regulation
TA = 25°C unless otherwise specified.
INPUT VOLTAGE (V)
2
80
90
6
3548-1 G04
70
60
3
4
5
2.5
3.5
4.5
5.5
100
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA
IOUT = 800mA
75
85
65
95
2.5
2.4
2.3
2.2
2.1
2.0
TEMPERATURE (°C)
–50
25
75
3548-1 G05
–25
0
50
100
125
VIN = 3.6V
10
8
6
4
2
0
–2
–4
–6
–8
–10
INPUT VOLTAGE (V)
2
3548-1 G06
3
45
6
TEMPERATURE (°C)
–50
–1
–0.8
–0.4
–0.2
0
1
0.4
0
50
75
3548-1 G07
–0.6
0.6
0.8
0.2
–25
25
100
125
VIN = 3.6V
INPUT VOLTAGE (V)
1
500
450
400
350
300
250
200
46
3548-1 G08
2
3
57
MAIN
SWITCH
SYNCHRONOUS
SWITCH
JUNCTION TEMPERATURE (°C)
–50
550
500
450
400
350
300
250
200
150
100
25
75
3548-1 G09
–25
0
50
100
150
125
MAIN SWITCH
SYNCHRONOUS SWITCH
VIN = 3.6V
VIN = 4.2V
VIN = 2.7V
LOAD CURRENT (mA)
1
60
65
70
75
80
85
90
95
100
10
100
1000
3548-1 G11
VOUT1 = 1.8V
VOUT2 = 1.575V
LOAD CURRENT (mA)
1
0
1.0
2.0
10
100
1000
3548-1 G12
–1.0
–0.5
0.5
1.5
–1.5
–2.0
VOUT1 = 1.8V
VOUT2 = 1.575V
LOAD CURRENT (mA)
2.5
–0.5
–0.3
–0.1
0.1
3
3.5
4
4.5
3548-1 G15
5
0.3
0.5
–0.4
–0.2
0
0.2
0.4
5.5
VOUT1 = 1.8V
VOUT2 = 1.575V


Similar Part No. - LTC3548EKD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548EDD LINER-LTC3548EDD Datasheet
234Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz
LTC3548EDD-2 LINER-LTC3548EDD-2 Datasheet
243Kb / 16P
   Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
LTC3548EDD-PBF LINER-LTC3548EDD-PBF Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548EDD-TRPBF LINER-LTC3548EDD-TRPBF Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548EMSE LINER-LTC3548EMSE Datasheet
234Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz
More results

Similar Description - LTC3548EKD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548-1 LINER-LTC3548-1_15 Datasheet
329Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548-2 LINER-LTC3548-2 Datasheet
243Kb / 16P
   Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
LTC3548-2 LINER-LTC3548-2_15 Datasheet
414Kb / 16P
   Dual Synchronous, Fixed /Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Eutech Microelectronics...
EUP3402 EUTECH-EUP3402 Datasheet
128Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3292 EUTECH-EUP3292 Datasheet
658Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com