Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3545EUD-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3545EUD-TRPBF
Description  Triple 800mA Synchronous Step-Down Regulator-2.25MHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3545EUD-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3545EUD-TRPBF Datasheet HTML 1Page - Linear Technology LTC3545EUD-TRPBF Datasheet HTML 2Page - Linear Technology LTC3545EUD-TRPBF Datasheet HTML 3Page - Linear Technology LTC3545EUD-TRPBF Datasheet HTML 4Page - Linear Technology LTC3545EUD-TRPBF Datasheet HTML 5Page - Linear Technology LTC3545EUD-TRPBF Datasheet HTML 6Page - Linear Technology LTC3545EUD-TRPBF Datasheet HTML 7Page - Linear Technology LTC3545EUD-TRPBF Datasheet HTML 8Page - Linear Technology LTC3545EUD-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3545/LTC3545-1
4
35451fb
Burst Mode Operation
Efficiency vs Supply Voltage
Supply Current vs Temperature
Burst Mode Operation
TYPICAL PERFORMANCE CHARACTERISTICS
VREF vs Temperature at 2.25V,
3.6V, 5.5V
Switching Frequency vs Supply
Voltage and Temperature
Load Regulation, All Channels
TEMPERATURE (°C)
–50
0.585
0.590
0.595
0.600
0.605
0.610
0.615
0
50
150
100
3545 G01
2.25V
3.6V
5.5V
SUPPLY VOLTAGE (V)
2
1.5
2.0
2.5
3.0
34
3545 G02
56
fOSC = –40°C
fOSC = 0°C
fOSC = 25°C
fOSC = 80°C
LOAD CURRENT (mA)
0
0.6
0.8
1.2
600
3545 G03
0.4
0.2
200
400
800
0
–0.4
–0.2
1.0
CHANNEL 1
CHANNEL 2
CHANNEL 3
TA = 25°C
VIN = 3.6V
UNTESTED CHANNELS OFF
PULSE SKIP MODE
1μs/DIV
SW
2V/DIV
IL
100mA/DIV
VOUT
20mV/DIV
3545 G04
VIN = 3.6V
VOUT = 1.8V
ILOAD = 50mA
fOSC = 2.25MHz
SUPPLY VOLTAGE (V)
2
90
95
6
3545 G05
85
80
3
4
5
100
VOUT = 2V
TA = 25°C
CHANNEL 3, ALL OTHERS OFF
fOSC = 2.25MHz
ILOAD = 250mA
TEMPERATURE (°C)
0
20
60
3545 G06
10
30
50
40
VIN = 5.5V
VIN = 4.5V
VIN = 3.5V
VIN = 2.5V
VFB3 = 0.625V
ILOAD = 0mA
CHANNEL 3 ONLY
–50
0
50
150
100


Similar Part No. - LTC3545EUD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3545-1 LINER-LTC3545-1_15 Datasheet
303Kb / 20P
   Triple 800mA Synchronous Step-Down Regulator??.25MHz
LTC3545 LINER-LTC3545_15 Datasheet
303Kb / 20P
   Triple 800mA Synchronous Step-Down Regulator??.25MHz
More results

Similar Description - LTC3545EUD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3560 LINER-LTC3560_15 Datasheet
266Kb / 16P
   2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
LTC3560 LINER-LTC3560 Datasheet
327Kb / 16P
   2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3545 LINER-LTC3545_15 Datasheet
303Kb / 20P
   Triple 800mA Synchronous Step-Down Regulator??.25MHz
LTC3545-1 LINER-LTC3545-1_15 Datasheet
303Kb / 20P
   Triple 800mA Synchronous Step-Down Regulator??.25MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com