Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4263IDE-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4263IDE-TRPBF
Description  Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263IDE-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC4263IDE-TRPBF Datasheet HTML 1Page - Linear Technology LTC4263IDE-TRPBF Datasheet HTML 2Page - Linear Technology LTC4263IDE-TRPBF Datasheet HTML 3Page - Linear Technology LTC4263IDE-TRPBF Datasheet HTML 4Page - Linear Technology LTC4263IDE-TRPBF Datasheet HTML 5Page - Linear Technology LTC4263IDE-TRPBF Datasheet HTML 6Page - Linear Technology LTC4263IDE-TRPBF Datasheet HTML 7Page - Linear Technology LTC4263IDE-TRPBF Datasheet HTML 8Page - Linear Technology LTC4263IDE-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3544B
3
3544bfa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3544BE is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD)(68°C/W).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRUN(HIGH)
RUNx Input High Voltage
1.0
V
VRUN(LOW)
RUNx Input Low Voltage
0.3
V
ILSW
SWx Leakage
VRUN = 0V, VSW = 0V or 5.5V, VIN = 5.5V
±0.1
±1
μA
IRUN
RUN Leakage Current
VIN = 5.5V
±0.1
±1
μA
IVFB
VFBx Leakage Current
80
nA
tSS
Soft-Start Period
VFB = 7.5% to 92.5% Full Scale
650
875
1200
μs
VUVLO
Undervoltage Lockout
1.9
2.25
V
Individual Regulator Characteristics
Regulator SW300 – 300mA
IPK
Peak Switch Current Limit
VFB < VFBREG, Duty Cycle < 35%
400
600
800
mA
IS300
Input DC Bias Current–Reg SW300 Only
Active Mode (Pulse Skip)
VFB = 0.7V, ILOAD = 0A, 2.25MHz
320
μA
RPFET
RDS(ON) of P-Channel FET (Note 7)
ISW = 100mA
0.55
Ω
RNFET
RDS(ON) of N-Channel FET (Note 7)
ISW = –100mA
0.50
Ω
Regulator SW200A – 200mA
IPK
Peak Switch Current Limit
VFB < VFBREG, Duty Cycle < 35%
300
400
500
mA
IS200
Input DC Bias Current–Reg SW200A Only
Active Mode (Pulse Skip)
VFB = 0.7V, ILOAD = 0A, 2.25MHz
320
μA
RPFET
RDS(ON) of P-Channel FET (Note 7)
ISW = 100mA
0.65
Ω
RNFET
RDS(ON) of N-Channel FET (Note 7)
ISW = –100mA
0.60
Ω
Regulator SW200B – 200mA
IPK
Peak Switch Current Limit
VFB < VFBREG, Duty Cycle < 35%
300
400
500
mA
IS200
Input DC Bias Current–Reg SW200B Only
Active Mode (Pulse Skip)
VFB = 0.7V, ILOAD = 0A, 2.25MHz
320
μA
RPFET
RDS(ON) of P-Channel FET (Note 7)
ISW = 100mA
0.65
Ω
RNFET
RDS(ON) of N-Channel FET (Note 7)
ISW = –100mA
0.60
Ω
Regulator SW100 – 100mA
IPK
Peak Switch Current Limit
VFB < VFBREG, Duty Cycle < 35%
200
300
400
mA
IS100
Input DC Bias Current–Reg SW100B Only
Active Mode (Pulse Skip)
VFB = 0.7V, ILOAD = 0A, 2.25MHz
320
μA
RPFET
RDS(ON) of P-Channel FET (Note 7)
ISW = 100mA
0.80
Ω
RNFET
RDS(ON) of N-Channel FET (Note 7)
ISW = –100mA
0.75
Ω
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise noted.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 5: The LTC3544B is tested in a proprietary test mode that connects
VFB to the output of the error amplifier.
Note 6: Load regulation is inferred by measuring the regulation loop gain.
Note 7: The QFN switch on-resistance is guaranteed by correlation to
wafer level measurements.
Note 8: Guaranteed by long-term current density limitations.


Similar Part No. - LTC4263IDE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4263IDE-TRPBF LINER-LTC4263IDE-TRPBF Datasheet
238Kb / 20P
   3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
LTC4263IDE-TRPBF LINER-LTC4263IDE-TRPBF Datasheet
356Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
More results

Similar Description - LTC4263IDE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3544 LINER-LTC3544 Datasheet
290Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3410ESC6 LINER-LTC3410ESC6 Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
LTC3410-1.875 LINER-LTC3410-1.875_15 Datasheet
238Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410-1.875 LINER-LTC3410-1.875 Datasheet
232Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410 LINER-LTC3410 Datasheet
331Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410 LINER-LTC3410_15 Datasheet
337Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410B LINER-LTC3410B Datasheet
290Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410B LINER-LTC3410B_15 Datasheet
295Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
logo
Monolithic Power System...
MP2101 MPS-MP2101 Datasheet
469Kb / 12P
   1.6MHz Synchronous Step-Down plus 200mA LDO
logo
ADDtek Corp
A705 ADDTEK-A705 Datasheet
164Kb / 7P
   200mA ~ 300mA ADVANCED CURRENT REGULATOR
AUGUST 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com