Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3542ES6-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3542ES6-TRPBF
Description  500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3542ES6-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3542ES6-TRPBF Datasheet HTML 1Page - Linear Technology LTC3542ES6-TRPBF Datasheet HTML 2Page - Linear Technology LTC3542ES6-TRPBF Datasheet HTML 3Page - Linear Technology LTC3542ES6-TRPBF Datasheet HTML 4Page - Linear Technology LTC3542ES6-TRPBF Datasheet HTML 5Page - Linear Technology LTC3542ES6-TRPBF Datasheet HTML 6Page - Linear Technology LTC3542ES6-TRPBF Datasheet HTML 7Page - Linear Technology LTC3542ES6-TRPBF Datasheet HTML 8Page - Linear Technology LTC3542ES6-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3542
4
3542fa
Start-Up from Shutdown
Load Step
Reference Voltage
vs Temperature
Oscillator Frequency
vs Temperature
Oscillator Frequency
vs Supply Voltage
Output Voltage vs Supply Voltage
Output Voltage vs Load Current
RDS(ON) vs Input Voltage
RUN
2V/DIV
IL
500mA/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 500mA
FIGURE 3a CIRCUIT
400
μs/DIV
3542 G04
VOUT
1V/DIV
VOUT
100mV/DIV
AC COUPLED
IL
500mA/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 30mA TO 500mA
FIGURE 3a CIRCUIT
20
μs/DIV
3542 G05
ILOAD
500mA/DIV
Load Step
VOUT
100mV/DIV
AC COUPLED
IL
500mA/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0mA TO 500mA
FIGURE 3a CIRCUIT
20
μs/DIV
3542 G06
ILOAD
500mA/DIV
TEMPERATURE (
°C)
–50
0.6100
0.6075
0.6050
0.6025
0.6000
0.5975
0.5950
0.5925
0.5900
0.5875
0.5850
0.5825
0.6125
0.6150
0
50
75
3542 G07
–25
25
100
125
INPUT VOLTAGE (V)
2
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
3
4
4.5
3542 G10
–0.3
0.3
0.4
0.1
2.5
3.5
5
5.5
6
VOUT = 1.8V
IOUT = 100mA
LOAD CURRENT (mA)
1
0
1.0
2.0
10
100
1000
3542 G11
–1.0
–0.5
0.5
1.5
–1.5
–2.0
Burst Mode
OPERATION
VIN = 3.6V
VOUT = 1.8V
PULSE SKIP
MODE
VIN (V)
1
0
0.1
0.3
0.4
0.5
5
0.9
3542 G12
0.2
3
26
47
0.6
0.7
0.8
SYNCHRONOUS
SWITCH
MAIN SWITCH
TEMPERATURE (
°C)
–50 –30 –10 10
30
50
70
90 110
1.8
1.9
2.1
2.2
2.3
2.7
3542 G08
2.0
2.4
2.5
2.6
SUPPLY VOLTAGE (V)
2.2
2.3
2.4
56
3542 G09
2.1
2.0
1.8
2
3
4
1.9
2.7
2.5
2.6
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C unless otherwise specified.


Similar Part No. - LTC3542ES6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3542ES6 LINEAR-LTC3542ES6 Datasheet
199Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down
More results

Similar Description - LTC3542ES6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542-1 LINER-LTC3542-1_15 Datasheet
232Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542-1 LINER-LTC3542-1 Datasheet
228Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510_16 Datasheet
585Kb / 13P
   1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Integrated Syste...
LTC3542EDC LINEAR-LTC3542EDC Datasheet
199Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3290 EUTECH-EUP3290 Datasheet
761Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
National Semiconductor ...
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
   500mA Step-Down DC-DC Converter
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
   1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com