Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3542EDC-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3542EDC-TRPBF
Description  500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3542EDC-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3542EDC-TRPBF Datasheet HTML 1Page - Linear Technology LTC3542EDC-TRPBF Datasheet HTML 2Page - Linear Technology LTC3542EDC-TRPBF Datasheet HTML 3Page - Linear Technology LTC3542EDC-TRPBF Datasheet HTML 4Page - Linear Technology LTC3542EDC-TRPBF Datasheet HTML 5Page - Linear Technology LTC3542EDC-TRPBF Datasheet HTML 6Page - Linear Technology LTC3542EDC-TRPBF Datasheet HTML 7Page - Linear Technology LTC3542EDC-TRPBF Datasheet HTML 8Page - Linear Technology LTC3542EDC-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3542
3
3542fa
TYPICAL PERFORMANCE CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. No pin should exceed 6V.
Note 2: The LTC3542 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3542I is guaranteed over the full
–40°C to 125°C operating temperature range.
Note 3: Failure to solder the Exposed Pad of the package to the PC board
will result in a thermal resistance much higher than 102°C/W.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
Input DC Supply Current (Note 5)
Active Mode
Sleep Mode
Shutdown
VFB = 0.5V
VFB = 0.7V, MODE = 0V
RUN = 0V
26
0.1
500
35
1
μA
μA
μA
fOSC
Oscillator Frequency
VFB = 0.6V
1.8
2.25
2.7
MHz
fSYNC
Synchronous Frequency
VFB = 0.6V
1
3
MHz
ILIM
Peak Switch Current
VIN = 3V, VFB = 0.5V, Duty Cycle < 35%
650
1000
mA
RDS(ON)
P-Channel On Resistance (Note 6)
N-Channel On Resistance (Note 6)
ISW = 100mA
ISW = –100mA
0.5
0.35
0.65
0.55
Ω
Ω
ISW(LKG)
Switch Leakage Current
VIN = 5V, VRUN = 0V, VSW = 0V or 5V
±0.01
±1
μA
VUVLO
Undervoltage Lockout Threshold
VIN Rising
VIN Falling
1.8
2.0
1.9
2.3
V
V
VRUN
RUN Threshold
0.3
1.5
V
IRUN
RUN Leakage Current
±0.01
±1
μA
VMODE/SYNC
MODE/SYNC Threshold
0.3
1.2
V
IMODE/SYNC
MODE/SYNC Leakage Current
±0.01
±1
μA
Note 4: The converter is tested in a proprietary test mode that connects
the output of the error amplifier to the SW pin, which is connected to an
external servo loop.
Note 5: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 6: The DFN switch on resistance is guaranteed by correlation to wafer
level measurements.
Note 7: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD) • (θJA).
Burst Mode Operation
Pulse Skip Mode Operation
Start-Up from Shutdown
SW
2V/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 25mA
FIGURE 3a CIRCUIT
2
μs/DIV
3542 G01
VOUT
50mV/DIV
AC COUPLED
IL
100mA/DIV
SW
2V/DIV
IL
100mA/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 25mA
FIGURE 3a CIRCUIT
400ns/DIV
3542 G02
VOUT
50mV/DIV
AC COUPLED
RUN
2V/DIV
IL
100mA/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A
FIGURE 3a CIRCUIT
400
μs/DIV
3542 G03
VOUT
1V/DIV
TA = 25°C unless otherwise specified.
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise noted.


Similar Part No. - LTC3542EDC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542EDC-1-PBF LINER-LTC3542EDC-1-PBF Datasheet
228Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542EDC-1-TRPBF LINER-LTC3542EDC-1-TRPBF Datasheet
228Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3542EDC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542-1 LINER-LTC3542-1_15 Datasheet
232Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542-1 LINER-LTC3542-1 Datasheet
228Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510_16 Datasheet
585Kb / 13P
   1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Integrated Syste...
LTC3542EDC LINEAR-LTC3542EDC Datasheet
199Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3290 EUTECH-EUP3290 Datasheet
761Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
National Semiconductor ...
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
   500mA Step-Down DC-DC Converter
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
   1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com