Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ11028 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # MJ11028
Description  POWER TRANSISTOR(50A,60-120V,300W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MJ11028 Datasheet(HTML) 1 Page - Mospec Semiconductor

  MJ11028 Datasheet HTML 1Page - Mospec Semiconductor MJ11028 Datasheet HTML 2Page - Mospec Semiconductor MJ11028 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - MJ11028

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
logo
ON Semiconductor
MJ11028 ONSEMI-MJ11028 Datasheet
153Kb / 4P
   COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
1995
logo
Seme LAB
MJ11028 SEME-LAB-MJ11028 Datasheet
59Kb / 2P
   COMPLEMENTARY DARLINGTON POWER TRANSISTOR
logo
ON Semiconductor
MJ11028 ONSEMI-MJ11028 Datasheet
68Kb / 4P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 5
logo
Inchange Semiconductor ...
MJ11028 ISC-MJ11028 Datasheet
51Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

Similar Description - MJ11028

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5683 MOSPEC-2N5683 Datasheet
185Kb / 4P
   POWER TRANSISTORS(50A,300W)
logo
Schneider Electric
HOM150 SCHNEIDER-HOM150 Datasheet
92Kb / 2P
   MINIATURE CIRCUIT BREAKER 120V 50A
HOM150CP SCHNEIDER-HOM150CP Datasheet
125Kb / 2P
   MINIATURE CIRCUIT BREAKER 120V 50A
logo
Mospec Semiconductor
MJ11011 MOSPEC-MJ11011 Datasheet
140Kb / 3P
   POWER TRANSISTORS(30A,60-120V,200W)
logo
Rohm
2SB1340 ROHM-2SB1340 Datasheet
38Kb / 1P
   Power Transistor (120V, -6A)
2SD1857 ROHM-2SD1857_09 Datasheet
164Kb / 3P
   Power Transistor (120V, 2A)
2SB1236 ROHM-2SB1236 Datasheet
73Kb / 3P
   Power Transistor (-120V , -1.5A)
2SC4132 ROHM-2SC4132 Datasheet
80Kb / 4P
   Power Transistor (120V, 1.5A)
2SD1957 ROHM-2SD1957 Datasheet
39Kb / 1P
   Power Transistor (120V, 7A)
logo
List of Unclassifed Man...
R1J-300I1H2A0 ETC2-R1J-300I1H2A0 Datasheet
734Kb / 12P
   300W300W Redundant Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com