Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3542EDC-1-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3542EDC-1-PBF
Description  500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3542EDC-1-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3542EDC-1-PBF Datasheet HTML 3Page - Linear Technology LTC3542EDC-1-PBF Datasheet HTML 4Page - Linear Technology LTC3542EDC-1-PBF Datasheet HTML 5Page - Linear Technology LTC3542EDC-1-PBF Datasheet HTML 6Page - Linear Technology LTC3542EDC-1-PBF Datasheet HTML 7Page - Linear Technology LTC3542EDC-1-PBF Datasheet HTML 8Page - Linear Technology LTC3542EDC-1-PBF Datasheet HTML 9Page - Linear Technology LTC3542EDC-1-PBF Datasheet HTML 10Page - Linear Technology LTC3542EDC-1-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3542-1
7
35421f
BLOCK DIAGRAM
+
+
+
0.6V
R1
R2
EA
VB
VOUT
VIN
SW
MODE/SYNC
RUN
VIN
SHUTDOWN
BURST
MODE
CLKIN
ICOMP
SLOPE COMPENSATION
ANTI-
SHOOT
THROUGH
MODE
DETECT
0.6V REF
OSC
GND
35421 BD
IRCMP
LOGIC


Similar Part No. - LTC3542EDC-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542EDC-PBF LINER-LTC3542EDC-PBF Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542EDC-TRPBF LINER-LTC3542EDC-TRPBF Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3542EDC-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542-1 LINER-LTC3542-1_15 Datasheet
232Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510_16 Datasheet
585Kb / 13P
   1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Integrated Syste...
LTC3542EDC LINEAR-LTC3542EDC Datasheet
199Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down
logo
Linear Technology
LTC3563 LINER-LTC3563 Datasheet
280Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
LTC3563 LINER-LTC3563_15 Datasheet
286Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
LTC3548-1 LINER-LTC3548-1_15 Datasheet
329Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548-1 LINER-LTC3548-1 Datasheet
938Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com