Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3542-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3542-1
Description  500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3542-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3542-1 Datasheet HTML 2Page - Linear Technology LTC3542-1 Datasheet HTML 3Page - Linear Technology LTC3542-1 Datasheet HTML 4Page - Linear Technology LTC3542-1 Datasheet HTML 5Page - Linear Technology LTC3542-1 Datasheet HTML 6Page - Linear Technology LTC3542-1 Datasheet HTML 7Page - Linear Technology LTC3542-1 Datasheet HTML 8Page - Linear Technology LTC3542-1 Datasheet HTML 9Page - Linear Technology LTC3542-1 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3542-1
6
35421f
VOUT (Pin 1): Output Pin. Receives the 2.8V output voltage
to internal feedback resistors.
VIN (Pin 2): Power Supply Pin. Must be closely decoupled
to GND.
GND (Pin 3): Ground Pin.
SW (Pin 4): Switch Node Connection to Inductor. This pin
connects to the drains of the internal main and synchronous
power MOSFET switches.
MODE/SYNC (Pin 5): Mode Selection and Oscillator
Synchronization Pin. This pin controls the operation of
the device. When tied to GND or VIN, Burst Mode opera-
tion or pulse skipping mode is selected, respectively. The
oscillation frequency can be synchronized to an external
oscillator applied to this pin and pulse skipping mode is
automatically selected. Do not float this pin.
RUN (Pin 6): Converter Enable Pin. Forcing this pin above
1.5V enables this part, while forcing it below 0.3V causes
the device to shut down. In shutdown, all functions are
disabled drawing <1μA supply current. This pin must be
driven; do not float.
GND (Pin 7): Exposed Pad. The Exposed Pad is ground. It
must be soldered to PCB ground to provide both electrical
contact and optimum thermal performance.
PIN FUNCTIONS


Similar Part No. - LTC3542-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542-1 LINER-LTC3542-1 Datasheet
232Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542-1 LINER-LTC3542-1_15 Datasheet
232Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3542-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542-1 LINER-LTC3542-1_15 Datasheet
232Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510_16 Datasheet
585Kb / 13P
   1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Integrated Syste...
LTC3542EDC LINEAR-LTC3542EDC Datasheet
199Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down
logo
Linear Technology
LTC3563 LINER-LTC3563 Datasheet
280Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
LTC3563 LINER-LTC3563_15 Datasheet
286Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
LTC3548-1 LINER-LTC3548-1_15 Datasheet
329Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548-1 LINER-LTC3548-1 Datasheet
938Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com