Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3541-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3541-1
Description  High Efficiency Buck VLDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3541-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC3541-1 Datasheet HTML 1Page - Linear Technology LTC3541-1 Datasheet HTML 2Page - Linear Technology LTC3541-1 Datasheet HTML 3Page - Linear Technology LTC3541-1 Datasheet HTML 4Page - Linear Technology LTC3541-1 Datasheet HTML 5Page - Linear Technology LTC3541-1 Datasheet HTML 6Page - Linear Technology LTC3541-1 Datasheet HTML 7Page - Linear Technology LTC3541-1 Datasheet HTML 8Page - Linear Technology LTC3541-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3541-1

35411fa
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise specified (Note 2)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VBUCKFB
ReferenceRegulationVoltage
(Note6)
ENBUCK=VIN,ENVLDO=0V,TA=25°C
0.784
0.8
0.816
V
ENBUCK=VIN,ENVLDO=0V,0°C≤TA≤85°C
0.782
0.8
0.818
V
ENBUCK=VIN,ENVLDO=0V,–40°C≤TA≤85°C
0.78
0.8
0.82
V
VLFB
ReferenceRegulationVoltage
(Note7)
ENBUCK=0V,ENVLDO=VIN,TA=25°C
0.392
0.4
0.408
V
ENBUCK=0V,ENVLDO=VIN,0°C≤TA≤85°C
0.391
0.4
0.409
V
ENBUCK=0V,ENVLDO=VIN,–40°C≤TA≤85°C
0.390
0.4
0.410
V
IS
Buck+VLDO
BurstModeSleep
VINQuiescentCurrent
LVIN=1.5V,LVOUT=1.2V,ENBUCK=VIN,
ENVLDO=VIN,MODE=0V,IOUT(VLDO)=10µA,
VBUCKFB=0.9V
85
µA
Buck+VLDO
BurstModeActive
VINQuiescentCurrent
LVIN=1.5V,LVOUT=1.2V,ENBUCK=VIN,
ENVLDO=VIN,MODE=0V,IOUT(VLDO)=10µA,
VBUCKFB=0.7V
315
µA
Buck+VLDO
Pulse-SkipModeActive
VINQuiescentCurrent
LVIN=1.5V,LVOUT=1.2V,ENBUCK=VIN,
ENVLDO=VIN,MODE=VIN,IOUT(VLDO)=10µA,
VBUCKFB=0.7V
300
µA
Buck
BurstModeSleep
VINQuiescentCurrent
VBUCKFB=0.9V,IOUT(BUCK)=0A,ENBUCK=VIN,
ENVLDO=0V,MODE=0V
55
µA
Buck
BurstModeActive
VINQuiscentCurrent
VBUCKFB=0.7V,IOUT(BUCK)=0A,ENBUCK=VIN,
ENVLDO=0V,MODE=0V
300
µA
Buck
Pulse-SkipModeActive
VINQuiescentCurrent
VBUCKFB=0.7V,IOUT(BUCK)=0A,ENBUCK=VIN,
ENVLDO=0V,MODE=VIN
285
µA
LinearRegulatorVINQuiescent
Current
LVOUT=1.2V,ENBUCK=0V,ENVLDO=VIN,
IOUT(LREG)=10µA
50
µA
VINShutdownQuiescentCurrent ENBUCK=0V,ENVLDO=0V
2.5
µA
LVINShutdownQuiescentCurrent LVIN=3.6V,ENBUCK=0V,ENVLDO=0V
0.1
µA
fOSC
OscillatorFrequency
1.8
2.25
2.7
MHz
RPFET
RDS(ON)ofP-ChannelMOSFET
ISW=100mA
0.25
Ω
RNFET
RDS(ON)ofN-ChannelMOSFET
ISW=100mA
0.35
Ω
ILSW
SWLeakage
Enable=0V,VSW=0Vor6V,VIN=6V
±0.01
±1
µA
VIH
InputPinHighThreshold
MODE,ENBUCK,ENVLDO
0.9
V
VIL
InputPinLowThreshold
MODE,ENBUCK,ENVLDO
0.3
V
IMODE,
IENBUCK,
IENVLDO
InputPinCurrent
±0.01
±1
µA
Note 1:StressesbeyondthoselistedunderAbsoluteMaximumRatings
maycausepermanentdamagetothedevice.ExposuretoanyAbsolute
MaximumRatingconditionforextendedperiodsmayaffectdevice
reliabilityandlifetime.
Note 2:TheLTC3541-1isguaranteedtomeetperformancespecifications
from0°Cto85°C.VLDO/linearregulatoroutputistestedandspecified
underpulseloadconditionssuchthatTJ≈TA,andare100%production
testedat25°C.Specificationsoverthe–40°Cto85°Coperating
temperaturerangeareassuredbydesign,characterizationandcorrelation
withstatisticalprocesscontrols.
Note 3:MinimumoperatingLVINvoltagerequiredforVLDOregulator
regulationis:
LVIN≥LVOUT+VDROPOUTandLVIN≥0.9V
Note 4:MinimumoperatingVINvoltagerequiredforVLDOregulatorand
linearregulatorregulationis:
VIN≥LVOUT+1.4VandVIN≥2.7V
Note 5:TJiscalculatedfromtheambienttemperature,TA,andpower
dissipation,PD,accordingtothefollowingformula:
TJ=TA+(PD•43°C/W)
Note 6:TheLTC3541-1istestedinaproprietarytestmodethatconnects
VBUCKFBtotheoutputoftheerroramplifier.Forthereferenceregulation
andlineregulationtests,theoutputoftheerroramplifierissettothe
midpoint.Fortheloadregulationtest,theoutputoftheerroramplifieris
driventominimumandmaximumofthesignalrange.


Similar Part No. - LTC3541-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3541-1 LINER-LTC3541-1_15 Datasheet
401Kb / 20P
   High Efficiency Buck VLDO Regulator
More results

Similar Description - LTC3541-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3541-1 LINER-LTC3541-1_15 Datasheet
401Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-2 LINER-LTC3541-2 Datasheet
336Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541 LINER-LTC3541 Datasheet
367Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541 LINER-LTC3541_15 Datasheet
391Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-2 LINER-LTC3541-2_15 Datasheet
380Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-3 LINER-LTC3541-3_15 Datasheet
423Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-3 LINER-LTC3541-3 Datasheet
400Kb / 20P
   High Efficiency Buck VLDO Regulator
logo
Analog Devices
ADP2360 AD-ADP2360 Datasheet
970Kb / 16P
   High Efficiency Buck Regulator
logo
Linear Technology
LTC3446EDE LINER-LTC3446EDE Datasheet
248Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
LTC3446 LINER-LTC3446 Datasheet
253Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com