Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3444 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3444
Description  Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3444 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3444 Datasheet HTML 3Page - Linear Technology LTC3444 Datasheet HTML 4Page - Linear Technology LTC3444 Datasheet HTML 5Page - Linear Technology LTC3444 Datasheet HTML 6Page - Linear Technology LTC3444 Datasheet HTML 7Page - Linear Technology LTC3444 Datasheet HTML 8Page - Linear Technology LTC3444 Datasheet HTML 9Page - Linear Technology LTC3444 Datasheet HTML 10Page - Linear Technology LTC3444 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC3444
3444fb
OPERATIO
The LTC3444 is a highly efficient, fixed frequency, buck-
boost DC/DC converter, which operates from input volt-
ages above, below, and equal to the output voltage. The
topology incorporated in the IC provides a continuous
transfer function through all operating modes, making the
product ideal for single Lithium-Ion or multi-cell applica-
tions where the output voltage can vary over a wide range.
The LTC3444 is designed to provide dynamic voltage
control in space constrained 3G WCDMA applications.
Due to the high operating frequency and integrated loop
compensation a complete WCDMA application requires
only six additional components; input and output capaci-
tors (ceramic), an inductor, and three resistors. The high
speed error amplifier and integrated loop compensation
provide the fast transient response required to slew the RF
power amplifier’s voltage rail from standby to transmit
and transmit to standby levels in < 25
μs while minimizing
output overshoot or undershoot.
Efficiency under low output voltage conditions
(standby mode) is improved by using an N-channel
MOSFET in parallel to P-channel MOSFET switch D.
This parallel MOSFET eliminates the need for an external
Schottky. Output overvoltage protection protects the RF
power amplifier from voltages greater than 5.5V.
When used with the proper inductance and output capaci-
tance, the LTC3444 internal compensation is designed to
be consistent with the transient requirements of a typical
WCDMA application. External compensation can be used
with other combinations of inductance and output capaci-
tance, however, the transient response may not be
consistent with typical WCDMA requirements.
Output voltage programming is accomplished via a sum-
ming resistor input to the feedback resistive divider string.
The output voltage varies inversely with the command
voltage. When using the internal loop compensation,
resistor R1 in the feedback resistive divider string must be
340k. There are no constraints on R1 when using external
compensation. However, lower value resistors will de-
crease the resistance value required for programming the
output voltage. Care must be taken not to load down the
control voltage source.


Similar Part No. - LTC3444

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3444 LINER-LTC3444 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTC3444 LINER-LTC3444 Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3444 LINER-LTC3444 Datasheet
214Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
LTC3444 LINER-LTC3444_15 Datasheet
214Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
More results

Similar Description - LTC3444

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3444 LINER-LTC3444_15 Datasheet
214Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3532 LINER-LTC3532_15 Datasheet
358Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441_15 Datasheet
233Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com