Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3427EDC Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3427EDC
Description  500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm2mm DFN Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3427EDC Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3427EDC Datasheet HTML 4Page - Linear Technology LTC3427EDC Datasheet HTML 5Page - Linear Technology LTC3427EDC Datasheet HTML 6Page - Linear Technology LTC3427EDC Datasheet HTML 7Page - Linear Technology LTC3427EDC Datasheet HTML 8Page - Linear Technology LTC3427EDC Datasheet HTML 9Page - Linear Technology LTC3427EDC Datasheet HTML 10Page - Linear Technology LTC3427EDC Datasheet HTML 11Page - Linear Technology LTC3427EDC Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC3427
3427fa
Low ESR input capacitors reduce input switching noise
and reduce the peak current drawn from the battery. It
follows that ceramic capacitors are also a good choice for
input decoupling and should be located as close as pos-
sible to the device. A 2.2
µF input capacitor is sufficient for
virtually any application. Larger values may be used with-
out limitations. Table 2 shows a list of several ceramic
capacitor manufacturers. Consult the manufacturers di-
rectly for detailed information on their entire selection of
ceramic capacitors.
Table 2. Capacitor Vendor Information
SUPPLIER PHONE
FAX
WEBSITE
AVX
(803) 448-9411
(803) 448-1943
www.avxcorp.com
Sanyo
(619) 661-6322
(619) 661-1055
www.sanyovideo.com
TDK
(847) 803-6100
(847) 803-629
www.component.
tdk.com
Murata
USA:
USA:
www.murata.com
(814) 237-1431
(814) 238-0490
(800) 831-9172
Taiyo
(408) 573-4150
(408) 573-4159
www.t-yuden.com
Yuden
Thermal Considerations
To deliver the power that the LTC3427 is capable of, it is
imperative that a good thermal path be provided to dissi-
pate the heat generated within the package. This can be
accomplished by taking advantage of the large thermal
pad on the underside of the LTC3427. It is recommended
that multiple vias in the printed circuit board be used to
conduct heat away from the LTC3427 and into the copper
plane with as much area as possible. In the event that the
junction temperature gets too high, the LTC3427 will go
into thermal shutdown and all switching will stop until the
internal temperature drops at which point a soft-start cycle
will be initiated.
INDUCTANCE (
µH)
3
15 17 19 21
0.280
0.260
0.240
0.220
0.200
0.180
0.160
0.140
0.120
0.100
3427 F02
579
11 13
23
1.8V TO 3V
1.8V TO 3.3V
3.1V TO 5V
1.8V TO 3.6V
1.8V TO 5V
Figure 2. Maximum Output Current vs
Inductance Based on 90% Efficiency
Table 1. Inductor Vendor Information
SUPPLIER
PHONE
FAX
WEBSITE
Murata
USA: (814) 237-1431
USA: (814) 238-0490
www.murata.com
(800) 831-9172
Sumida
USA: (847) 956-0666
USA: (847) 956-0702
www.sumida.com
Japan: 81-3-3607-5111
Japan: 81-3-3607-5144
Coilcraft
(847) 639-6400
(847) 639-1469
www.coilcraft.com
CoEv Magnetics
(800) 227-7040
(650) 361-2508
www.circuitprotection.com/magnetics.asp
TDK
(847) 803-6100
(847) 803-6296
www.component.tdk.com
TOKO
(847) 297-0070
(847) 669-7864
www.toko.com
Wurth
(201) 785-8800
(201) 785-8810
www.we-online.com
APPLICATIO S I FOR ATIO


Similar Part No. - LTC3427EDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3427 LINER-LTC3427 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3427 LINER-LTC3427 Datasheet
213Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
LTC3427 LINER-LTC3427_15 Datasheet
213Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
More results

Similar Description - LTC3427EDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3427 LINER-LTC3427_15 Datasheet
213Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3526EDC LINER-LTC3526EDC Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
logo
Linear Integrated Syste...
LTC3526EDC-2 LINEAR-LTC3526EDC-2 Datasheet
286Kb / 16P
   500mA 1MHz SynchronousStep-Up DC/DC Converters in 2mm 2mm DFN
logo
Linear Technology
LTC3528 LINER-LTC3528 Datasheet
268Kb / 16P
   1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
LTC3529 LINER-LTC3529_15 Datasheet
216Kb / 12P
   1.5A, 1.5MHz Step-Up DC/DC Converter in 2mm 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com