Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP2833ZC1 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSOP2833ZC1
Description  Photo Modules for PCM Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP2833ZC1 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSOP2833ZC1 Datasheet HTML 1Page - Vishay Siliconix TSOP2833ZC1 Datasheet HTML 2Page - Vishay Siliconix TSOP2833ZC1 Datasheet HTML 3Page - Vishay Siliconix TSOP2833ZC1 Datasheet HTML 4Page - Vishay Siliconix TSOP2833ZC1 Datasheet HTML 5Page - Vishay Siliconix TSOP2833ZC1 Datasheet HTML 6Page - Vishay Siliconix TSOP2833ZC1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TSOP28..ZC1
Vishay Telefunken
5 (7)
Rev. 4, 13-Jun-00
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 82072
0.4
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.1
1.0
10.0
100.0 1000.0 10000.0100000.0
Ee – Irradiance (mW/m2)
16163
Ton
optical test signal, fig.6
Toff
Figure 7. Output Pulse Diagram
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–30 –15
0
15
30
45
60
75
90
Tamb – Ambient Temperature ( °C )
14315
Vs = 5 V
Figure 8. Supply Current vs. Ambient Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–30 –15
0
15
30
45
60
75
90
Tamb – Ambient Temperature ( °C )
96 12221
Sensitivity in dark ambient
Figure 9. Sensitivity vs. Ambient Temperature
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5
VS – Supply Voltage ( V )
14317
Supply current in dark ambient
Figure 10. Supply Current vs. Supply Voltage
750
850
950
1050
0
0.2
0.4
0.6
0.8
1.2
l – Wavelength ( nm )
1150
94 8408
1.0
Figure 11. Relative Spectral Sensitivity vs. Wavelength
96 12223p2
0.4
0.2
0
0.2
0.4
0.6
0.6
0.9
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
1.0
0.8
0.7
drel – Relative Transmission Distance
Figure 12. Directivity


Similar Part No. - TSOP2833ZC1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP2833 VISHAY-TSOP2833 Datasheet
87Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 7, 31-Jan-00
TSOP2833ON1 VISHAY-TSOP2833ON1 Datasheet
169Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 13-Jun-00
TSOP2833PM1 VISHAY-TSOP2833PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2833QJ1 VISHAY-TSOP2833QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
TSOP2833RF1 VISHAY-TSOP2833RF1 Datasheet
171Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 31-Jan-00
More results

Similar Description - TSOP2833ZC1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1830SI3V VISHAY-TSOP1830SI3V Datasheet
135Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 1, 26-Jun-00
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 13, 13-Sep-00
TSOP1830YA1 VISHAY-TSOP1830YA1 Datasheet
137Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 08-Jun-00
TSOP2230 VISHAY-TSOP2230 Datasheet
1Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2230MQ1 VISHAY-TSOP2230MQ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP2230VI1 VISHAY-TSOP2230VI1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2830PM1 VISHAY-TSOP2830PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2830QJ1 VISHAY-TSOP2830QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
TSOP2830SA1 VISHAY-TSOP2830SA1 Datasheet
87Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 31-Jan-00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com