Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3417AIFE-1-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3417AIFE-1-PBF
Description  Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator with POR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3417AIFE-1-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3417AIFE-1-PBF Datasheet HTML 2Page - Linear Technology LTC3417AIFE-1-PBF Datasheet HTML 3Page - Linear Technology LTC3417AIFE-1-PBF Datasheet HTML 4Page - Linear Technology LTC3417AIFE-1-PBF Datasheet HTML 5Page - Linear Technology LTC3417AIFE-1-PBF Datasheet HTML 6Page - Linear Technology LTC3417AIFE-1-PBF Datasheet HTML 7Page - Linear Technology LTC3417AIFE-1-PBF Datasheet HTML 8Page - Linear Technology LTC3417AIFE-1-PBF Datasheet HTML 9Page - Linear Technology LTC3417AIFE-1-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3417A-1
6
3417a1fa
(DFN/TSSOP)
RUN1 (Pin 1/Pin 2): Enable for 1.5A Regulator. When
at Logic 1, 1.5A regulator is running. When at 0V, 1.5A
regulator is off. When both RUN1 and RUN2 are at 0V, the
part is in shutdown.
VIN1 (Pin 2/Pin 3): Supply Pin for P-Channel Switch of
1.5A Regulator.
ITH1 (Pin 3/Pin 4): Error Amplifier Compensation Point
for 1.5A Regulator. The current comparator threshold
increases with this control voltage. Nominal voltage range
for this pin is 0V to 1.5V.
VFB1 (Pin 4/Pin 5): Receives the feedback voltage from
external resistive divider across the 1.5A regulator output.
Nominal voltage for this pin is 0.8V.
VFB2 (Pin 5/Pin 6): Receives the feedback voltage from
external resistive divider across the 1A regulator output.
Nominal voltage for this pin is 0.8V.
ITH2 (Pin 6/Pin 7): Error Amplifier Compensation Point for
1A regulator. The current comparator threshold increases
with this control voltage. Nominal voltage range for this
pin is 0V to 1.5V.
RUN2 (Pin 7/Pin 8): Enable for 1A Regulator. When at
Logic 1, 1A regulator is running. When at 0V, 1A regula-
tor is off. When both RUN1 and RUN2 are at 0V, the part
is in shutdown.
VIN2 (Pin 8/Pin 9): Supply Pin for P-Channel Switch of 1A
Regulator and Supply for Analog Circuitry.
SYNC/MODE (Pin 9/Pin 12): Combination Mode Selection
and Oscillator Synchronization Pin. This pin controls the op-
eration of the device. When the voltage on the SYNC/MODE
pin is >(VIN – 0.5V), Burst Mode operation is selected.
When the voltage on the SYNC/MODE pin is <0.5V, pulse
skipping mode is selected. When the SYNC/MODE pin is
held at VIN/2, forced continuous mode is selected. The
oscillation frequency can be synchronized to an external
oscillator applied to this pin. When synchronized to an
external clock, pulse skip mode is selected.
SW2 (Pin 10/Pin 13): Switch Node Connection to the
Inductor for the 1A Regulator. This pin swings from VIN2
to PGND2.
POR (Pin 11/Pin 14): The Power-On-Reset Pin. This
open drain-logic output is pulled to GND when the output
voltage of either regulator falls 8% below regulation and
goes high approximately 150ms after both regulators are
above –6% of regulation. If either RUN1 or RUN2 is low
(the respective regulator is in sleep mode and therefore
the output voltage is low), then POR reflects the regulation
of the running regulator.
FREQ (Pin 12/Pin 15): Frequency Set Pin. When FREQ is
at VIN, internal oscillator runs at 1.5MHz. When a resistor
is connected from this pin to ground, the internal oscillator
frequency can be varied from 0.6MHz to 4MHz.
GNDA (Pin 13/Pin 16): Analog Ground Pin for Internal
Analog Circuitry.
PIN FUNCTIONS
TYPICAL PERFORMANCE CHARACTERISTICS
RDS(ON) vs VIN OUT2
Frequency vs VIN
Frequency vs Temperature
VIN (V)
2
0.18
0.19
0.20
3.5
4.5
3417A-1 G16
0.17
0.16
2.5
3
4
5
5.5
0.15
0.14
TA = 27°C
P-CHANNEL SWITCH
N-CHANNEL SWITCH
VIN (V)
2
0
2
4
5
5.5
3417A-1 G17
–4
–10
2.5
3
3.5
4
4.5
6
–2
–6
–8
FREQ = 143k TO GROUND
FREQ = VIN
TEMPERATURE (°C)
–50
5
10
15
25
75
3417A-1 G18
0
–5
–25
0
50
100
125
–10
–15
FREQ = 143k TO GROUND
FREQ = VIN


Similar Part No. - LTC3417AIFE-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3417AIFE-2-PBF LINER-LTC3417AIFE-2-PBF Datasheet
337Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417AIFE-2-TRPBF LINER-LTC3417AIFE-2-TRPBF Datasheet
337Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3417AIFE-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3417A-1 LINER-LTC3417A-1_15 Datasheet
350Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator with POR
LTC3417A LINER-LTC3417A Datasheet
1Mb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A LINER-LTC3417A_15 Datasheet
321Kb / 22P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A-2 LINER-LTC3417A-2_15 Datasheet
342Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A-2 LINER-LTC3417A-2 Datasheet
337Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A_15 Datasheet
361Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561 Datasheet
232Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A Datasheet
295Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3417 LINER-LTC3417 Datasheet
350Kb / 20P
   Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com