Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3423 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3423
Description  Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3423 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3423 Datasheet HTML 4Page - Linear Technology LTC3423 Datasheet HTML 5Page - Linear Technology LTC3423 Datasheet HTML 6Page - Linear Technology LTC3423 Datasheet HTML 7Page - Linear Technology LTC3423 Datasheet HTML 8Page - Linear Technology LTC3423 Datasheet HTML 9Page - Linear Technology LTC3423 Datasheet HTML 10Page - Linear Technology LTC3423 Datasheet HTML 11Page - Linear Technology LTC3423 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC3423/LTC3424
34234f
Operating Frequency Selection
There are several considerations in selecting the operat-
ing frequency of the converter. The first is determining the
sensitive frequency bands that cannot tolerate any spec-
tral noise. For example, in products incorporating RF
communications, the 455kHz IF frequency is sensitive to
any noise, therefore switching above 600kHz is desired.
Some communications have sensitivity to 1.1MHz. In this
case, converter frequencies up to 3MHz may be em-
ployed.
The second consideration is the physical size of the
converter. As the operating frequency goes up, the induc-
tor and filter caps go down in value and size. The trade off
is in efficiency since the switching losses due to gate
charge are going up proportional with frequency.
Another operating frequency consideration is whether the
application can allow “pulse skipping.” In this mode, the
minimum on time of the converter cannot support the duty
cycle, so the converter ripple will go up and there will be
a low frequency component of the output ripple. In many
applications where physical size is the main criterion then
running the converter in this mode is acceptable. In
applications where it is preferred not to enter this mode,
then the maximum operating frequency is given by:
f
VV
Vt
Hz
MAX NOSKIP
OUT
IN
OUT
ON MIN
_
()
=
where tON(MIN) = minimum on time = 140ns
Reducing Output Capacitance with a Load Feed
Forward Signal
In many applications the output filter capacitance can be
reduced for the desired transient response by having the
device commanding the change in load current, (i.e.
system microcontroller), inform the power converter of
the changes as they occur. Specifically, a “load feed
forward” signal coupled into the VC pin gives the inner
current loop a head start in providing the change in output
current. The transconductance of the LTC3423 converter
at the VC pin with respect to the inductor current is typically
APPLICATIO S I FOR ATIO
130mA/100mV, and the LTC3424 is typically 170mA/
100mV, so the amount of signal injected is proportional to
the anticipated change of inductor current with load. The
outer voltage loop performs the remainder of the correc-
tion, but because of the load feed forward signal, the range
over which it must slew is greatly reduced. This results in
an improved transient response. A logic level feed forward
signal, VFF, is coupled through components C5 and R6.
The amount of feed forward signal is attenuated with
resistor R6 and is given by the following relationship:
R
VR
V
VI
R
FF
IN
OUT
OUT
6
51 5
5


••
• .
where
∆IOUT = load current change.
Figure 2
6
10
3
2
1
3423/24 F02
LTC3423/LTC3424
VDD
SHDN
VIN
MODE/SYNC
Rt
SW
VOUT
FB
VC
GND
4
7
8
9
5
R5
C3
LOAD FEED
FORWARD
SIGNAL
VFF
R6
C5
3.3nF
VIN
VDD
IN
VOUT
Closing the Feedback Loop
The LTC3423/LTC3424 uses current mode control with
internal adaptive slope compensation. Current mode con-
trol eliminates the 2nd order filter due to the inductor and
output capacitor exhibited in voltage mode controllers,
and simplifies it to a single-pole filter response. The
product of the modulator control to output DC gain plus
the error amp open-loop gain equals the DC gain of the
system.


Similar Part No. - LTC3423

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3423 LINEAR-LTC3423 Datasheet
203Kb / 12P
   Low Output Voltage 3MHz Micropower Synchronous Boost Converters
logo
Linear Technology
LTC3423 LINER-LTC3423 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
logo
Linear Integrated Syste...
LTC3423EMS LINEAR-LTC3423EMS Datasheet
203Kb / 12P
   Low Output Voltage 3MHz Micropower Synchronous Boost Converters
logo
Linear Technology
LTC3423 LINER-LTC3423_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
More results

Similar Description - LTC3423

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3424 LINER-LTC3424_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
logo
Linear Integrated Syste...
LTC3423 LINEAR-LTC3423 Datasheet
203Kb / 12P
   Low Output Voltage 3MHz Micropower Synchronous Boost Converters
logo
Linear Technology
LTC3423 LINER-LTC3423_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3402 LINER-LTC3402_15 Datasheet
235Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3401 LINER-LTC3401 Datasheet
240Kb / 16P
   1A, 3MHz Micropower Synchronous Boost Converter
LTC3401 LINER-LTC3401_15 Datasheet
240Kb / 16P
   1A, 3MHz Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402 Datasheet
229Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3421 LINER-LTC3421 Datasheet
234Kb / 16P
   3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3421 LINER-LTC3421_15 Datasheet
245Kb / 16P
   3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
LT3494 LINER-LT3494_15 Datasheet
271Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com