Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3417AEFE-1-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3417AEFE-1-PBF
Description  Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator with POR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3417AEFE-1-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3417AEFE-1-PBF Datasheet HTML 1Page - Linear Technology LTC3417AEFE-1-PBF Datasheet HTML 2Page - Linear Technology LTC3417AEFE-1-PBF Datasheet HTML 3Page - Linear Technology LTC3417AEFE-1-PBF Datasheet HTML 4Page - Linear Technology LTC3417AEFE-1-PBF Datasheet HTML 5Page - Linear Technology LTC3417AEFE-1-PBF Datasheet HTML 6Page - Linear Technology LTC3417AEFE-1-PBF Datasheet HTML 7Page - Linear Technology LTC3417AEFE-1-PBF Datasheet HTML 8Page - Linear Technology LTC3417AEFE-1-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3417A-1
4
3417a1fa
OUT1 Burst Mode Operation
OUT1 Pulse Skipping
Mode Operation
OUT1 Forced Continuous
Mode Operation
OUT2 Burst Mode Operation
OUT2 Pulse Skipping
Mode Operation
OUT2 Forced Continuous
Mode Operation
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3417AE-1 is guaranteed to meet specified performance
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
ambient temperature range are assured by design, characterization
and correlation with statistical process controls. The LTC3417AI-1 is
guaranteed to meet performance specifications over the –40°C to 125°C
operating temperature range.
Note 3: The LTC3417A-1 is tested in feedback loop which servos VFB1 to
the midpoint for the error amplifier (VITH1 = 0.6V) and VFB2 to the midpoint
for the error amplifier (VITH2 = 0.6V).
Note 4: Total supply current is higher due to the internal gate charge being
delivered at the switching frequency.
Note 5: Switch on-resistance is guaranteed by design and test correlation
on the DHC package and by final test correlation on the FE package.
Note 6: Variable frequency operation with resistor is guaranteed by design
but not production tested and is subject to duty cycle limitations.
Note 7: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 8: TJ is calculated from the ambient temperature, TA, and power
dissipation, PD, according to the following formula:
LTC3417AEDHC-1: TJ = TA + (PD • 43°C/W)
LTC3417AEFE-1: TJ = TA + (PD • 38°C/W)
3417A-1 G01
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100mA
REFER TO FIGURE 4
IL
250mA/DIV
VOUT
20mV/DIV
2μs/DIV
3417A-1 G02
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100mA
REFER TO FIGURE 4
IL
250mA/DIV
VOUT
20mV/DIV
2μs/DIV
3417A-1 G03
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100mA
REFER TO FIGURE 4
IL
250mA/DIV
VOUT
20mV/DIV
2μs/DIV
3417A-1 G04
VIN = 3.6V
VOUT = 2.5V
ILOAD = 60mA
REFER TO FIGURE 4
IL
250mA/DIV
VOUT
20mV/DIV
2μs/DIV
3417A-1 G05
VIN = 3.6V
VOUT = 2.5V
ILOAD = 60mA
REFER TO FIGURE 4
IL
250mA/DIV
VOUT
20mV/DIV
2μs/DIV
3417A-1 G06
VIN = 3.6V
VOUT = 2.5V
ILOAD = 60mA
REFER TO FIGURE 4
IL
250mA/DIV
VOUT
20mV/DIV
2μs/DIV


Similar Part No. - LTC3417AEFE-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3417AEFE-2-PBF LINER-LTC3417AEFE-2-PBF Datasheet
337Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417AEFE-2-TRPBF LINER-LTC3417AEFE-2-TRPBF Datasheet
337Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3417AEFE-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3417A-1 LINER-LTC3417A-1_15 Datasheet
350Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator with POR
LTC3417A LINER-LTC3417A Datasheet
1Mb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A LINER-LTC3417A_15 Datasheet
321Kb / 22P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A-2 LINER-LTC3417A-2_15 Datasheet
342Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A-2 LINER-LTC3417A-2 Datasheet
337Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A_15 Datasheet
361Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561 Datasheet
232Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A Datasheet
295Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3417 LINER-LTC3417 Datasheet
350Kb / 20P
   Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com