Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3412AIFE-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3412AIFE-PBF
Description  3A, 4MHz, Monolithic Synchronous Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3412AIFE-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3412AIFE-PBF Datasheet HTML 2Page - Linear Technology LTC3412AIFE-PBF Datasheet HTML 3Page - Linear Technology LTC3412AIFE-PBF Datasheet HTML 4Page - Linear Technology LTC3412AIFE-PBF Datasheet HTML 5Page - Linear Technology LTC3412AIFE-PBF Datasheet HTML 6Page - Linear Technology LTC3412AIFE-PBF Datasheet HTML 7Page - Linear Technology LTC3412AIFE-PBF Datasheet HTML 8Page - Linear Technology LTC3412AIFE-PBF Datasheet HTML 9Page - Linear Technology LTC3412AIFE-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3412A
6
3412afc
Quiescent Current vs
Temperature
Minimum Peak Inductor Current vs
Burst Clamp Voltage
Quiescent Current vs
Input Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT VOLTAGE (V)
350
300
250
200
150
100
50
0
3412A G19
350
300
250
200
150
100
50
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TEMPERATURE (°C)
–40
80
3412A G20
0
40
120
–20
20
60
100
VBURST (V)
0.1
0.2
0.3
0.5
0.4
0.6
0.7
3412A G21
4000
3500
3000
2500
2000
1500
1000
500
0
INPUT VOLTAGE (V)
2.25
2.75
3.25
4.25
3.75
4.75
3412A G22
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
ACTIVE
SLEEP
ACTIVE
SLEEP
VIN = 3.3V
Peak Current vs Input Voltage


Similar Part No. - LTC3412AIFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412A LINER-LTC3412A Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3412A LINER-LTC3412A Datasheet
481Kb / 20P
   짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
logo
Analog Devices
LTC3412A AD-LTC3412A Datasheet
3Mb / 26P
   5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
LTC3412A AD-LTC3412A Datasheet
2Mb / 20P
   5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
Rev. 0
LTC3412A AD-LTC3412A Datasheet
1Mb / 16P
   1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP
Rev. 0
More results

Similar Description - LTC3412AIFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412A LINER-LTC3412A_15 Datasheet
326Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
logo
Linear Technology
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418_15 Datasheet
357Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com