Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3407AIDD-2-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3407AIDD-2-TRPBF
Description  Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407AIDD-2-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3407AIDD-2-TRPBF Datasheet HTML 6Page - Linear Technology LTC3407AIDD-2-TRPBF Datasheet HTML 7Page - Linear Technology LTC3407AIDD-2-TRPBF Datasheet HTML 8Page - Linear Technology LTC3407AIDD-2-TRPBF Datasheet HTML 9Page - Linear Technology LTC3407AIDD-2-TRPBF Datasheet HTML 10Page - Linear Technology LTC3407AIDD-2-TRPBF Datasheet HTML 11Page - Linear Technology LTC3407AIDD-2-TRPBF Datasheet HTML 12Page - Linear Technology LTC3407AIDD-2-TRPBF Datasheet HTML 13Page - Linear Technology LTC3407AIDD-2-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3407A-2
10
3407a2f
Power-On Reset
The POR pin is an open-drain output which pulls low when
either regulator is out of regulation. When both output
voltages are within
±8.5% of regulation, a timer is started
which releases POR after 216 clock cycles (about 29ms in
pulse skipping mode). This delay can be significantly
longer in Burst Mode operation with low load currents,
since the clock cycles only occur during a burst and there
could be milliseconds of time between bursts. This can be
bypassed by tying the POR output to the MODE/SYNC
input, to force pulse skipping mode during a reset. In
addition, if the output voltage faults during Burst Mode
sleep, POR could have a slight delay for an undervoltage
output condition and may not respond to an overvoltage
output. This can be avoided by using pulse skipping mode
instead. When either channel is shut down, the POR
output is pulled low, since one or both of the channels are
not in regulation.
Mode Selection & Frequency Synchronization
The MODE/SYNC pin is a multipurpose pin which provides
mode selection and frequency synchronization. Connect-
ing this pin to VIN enables Burst Mode operation, which
provides the best low current efficiency at the cost of a
higher output voltage ripple. When this pin is connected to
ground, pulse skipping operation is selected which pro-
vides the lowest output ripple, at the cost of low current
efficiency.
The LTC3407A-2 can also be synchronized to another
LTC3407A-2 by the MODE/SYNC pin. During synchroni-
zation, the mode is set to pulse skipping and the top switch
turn-on is synchronized to the rising edge of the external
clock.
Checking Transient Response
The regulator loop response can be checked by looking at
the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to
ΔILOAD • ESR, where ESR is the effective series
resistance of COUT. ΔILOAD also begins to charge or
discharge COUT generating a feedback error signal used by
theregulatortoreturnVOUTtoitssteady-statevalue.During
APPLICATIO S I FOR ATIO
At worst, the ringing at the input can be large enough to
damage the part.
Since the ESR of a ceramic capacitor is so low, the input
and output capacitor must instead fulfill a charge storage
requirement. During a load step, the output capacitor must
instantaneously supply the current to support the load
until the feedback loop raises the switch current enough to
support the load. The time required for the feedback loop
to respond is dependent on the compensation and the
output capacitor size. Typically, 3-4 cycles are required to
respond to a load step, but only in the first cycle does the
output drop linearly. The output droop, VDROOP, is usually
about 3 times the linear drop of the first cycle. Thus, a good
place to start is with the output capacitor size of approxi-
mately:
C
I
fV
OUT
OUT
O
DROOP
Δ
3
More capacitance may be required depending on the duty
cycle and load step requirements.
In most applications, the input capacitor is merely re-
quired to supply high frequency bypassing, since the
impedance to the supply is very low. A 10
μF ceramic
capacitor is usually enough for these conditions.
Setting the Output Voltage
The LTC3407A-2 develops a 0.6V reference voltage be-
tween the feedback pin, VFB, and ground as shown in
Figure 1. The output voltage is set by a resistive divider
according to the following formula:
VV
R
R
OUT =+
⎝⎜
⎠⎟
06
1
2
1
.
Keeping the current small (<5
μA) in these resistors maxi-
mizes efficiency, but making them too small may allow
stray capacitance to cause noise problems and reduce the
phase margin of the error amp loop.
To improve the frequency response, a feed-forward ca-
pacitor CF may also be used. Great care should be taken to
route the VFB line away from noise sources, such as the
inductor or the SW line.


Similar Part No. - LTC3407AIDD-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407AIDD-PBF LINER-LTC3407AIDD-PBF Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407AIDD-TRPBF LINER-LTC3407AIDD-TRPBF Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3407AIDD-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A Datasheet
250Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com