Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3412IFE Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3412IFE
Description  2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3412IFE Datasheet(HTML) 3 Page - Linear Technology

  LTC3412IFE Datasheet HTML 1Page - Linear Technology LTC3412IFE Datasheet HTML 2Page - Linear Technology LTC3412IFE Datasheet HTML 3Page - Linear Technology LTC3412IFE Datasheet HTML 4Page - Linear Technology LTC3412IFE Datasheet HTML 5Page - Linear Technology LTC3412IFE Datasheet HTML 6Page - Linear Technology LTC3412IFE Datasheet HTML 7Page - Linear Technology LTC3412IFE Datasheet HTML 8Page - Linear Technology LTC3412IFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3412
3
3412fb
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Load Current
Efficiency vs Load Current
Efficiency vs Load Current
LOAD CURRENT (A)
0.001
100
80
60
40
20
0
10
3412 G01
VIN = 3.3V
VOUT = 2.5V
Burst Mode OPERATION
FORCED CONTINUOUS
0.1
1
0.01
100
90
80
70
60
50
40
30
20
10
0
LOAD CURRENT (A)
0.001
10
3412 G02
VOUT = 2.5V
1MHz
Burst Mode OPERATION
0.1
1
0.01
VIN = 3.3V
VIN = 5V
LOAD CURRENT (A)
0.001
100
90
80
70
60
50
40
30
20
10
0
10
3412 G03
VOUT = 2.5V
1MHz
FORCED CONTINUOUS
0.1
1
0.01
VIN = 3.3V
VIN = 5V
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fOSC
Switching Frequency
ROSC = 309kΩ
0.88
0.95
1.1
MHz
Switching Frequency Range
(Note 6)
0.3
4
MHz
fSYNC
SYNC Capture Range
(Note 6)
0.3
4
MHz
RPFET
RDS(ON) of P-Channel FET
ISW = 1A (Note 7)
85
110
RNFET
RDS(ON) of N-Channel FET
ISW = –1A (Note 7)
65
90
ILIMIT
Peak Current Limit
4
5.4
A
VUVLO
Undervoltage Lockout Threshold
2.375
2.500
2.625
V
ILSW
SW Leakage Current
VRUN = 0V, VIN = 5.5V
0.1
1
μA
VRUN
RUN Threshold
0.5
0.65
0.8
V
IRUN
RUN/SS Leakage Current
1
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3412E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the – 40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3412I is guaranteed to meet
specified performance over the – 40°C to 85°C temperature range.
Note 3: The LTC3412 is tested in a feedback loop that adjusts VFB to
achieve a specified error amplifier output voltage (ITH).
Note 4: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 5: TJ is calculated from the ambient temperature TA and power
dissipation as follows: LTC3412: TJ = TA + PD (37.6°C/W).
Note 6: 4MHz operation is guaranteed by design and not production tested.
Note 7: Switch on resistance is guaranteed by design and test correlation
in the UF package and by production test in the FE package.


Similar Part No. - LTC3412IFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412 LINER-LTC3412 Datasheet
229Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC3412 LINER-LTC3412 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC3412IFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A_15 Datasheet
326Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418_15 Datasheet
357Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604 Datasheet
283Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com