Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3411AIDD-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3411AIDD-PBF
Description  1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3411AIDD-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC3411AIDD-PBF Datasheet HTML 1Page - Linear Technology LTC3411AIDD-PBF Datasheet HTML 2Page - Linear Technology LTC3411AIDD-PBF Datasheet HTML 3Page - Linear Technology LTC3411AIDD-PBF Datasheet HTML 4Page - Linear Technology LTC3411AIDD-PBF Datasheet HTML 5Page - Linear Technology LTC3411AIDD-PBF Datasheet HTML 6Page - Linear Technology LTC3411AIDD-PBF Datasheet HTML 7Page - Linear Technology LTC3411AIDD-PBF Datasheet HTML 8Page - Linear Technology LTC3411AIDD-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3411A
1
3411afa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
1.25A, 4MHz, Synchronous
Step-Down DC/DC Converter
The LTC
®3411A is a constant frequency, synchronous
step-down DC/DC converter. Intended for medium power
applications, it operates from a 2.5V to 5.5V input voltage
range and has a user configurable operating frequency
up to 4MHz, allowing the use of tiny, low cost capacitors
and inductors 1mm or less in height. The output voltage is
adjustable from 0.8V to 5.5V. Internal synchronous power
switches provide high efficiency. The LTC3411A’s current
mode architecture and external compensation allow the
transient response to be optimized over a wide range of
loads and output capacitors.
The LTC3411A can be configured for automatic power
saving Burst Mode operation (IQ = 40μA) to reduce gate
charge losses when the load current drops below the level
required for continuous operation. For reduced noise and
RF interference, the SYNC/MODE pin can be configured to
skip pulses or provide forced continuous operation.
To further maximize battery life, the P-channel MOSFET
is turned on continuously in dropout (100% duty cycle).
In shutdown, the device draws <1μA.
Step-Down 2.5V/1.25A Regulator
Uses Tiny Capacitors and Inductor
High Frequency Operation: Up to 4MHz
Low RDS(ON) Internal Switches: 0.15Ω
High Efficiency: Up to 96%
Selectable Low Ripple (25mVP-P) Burst Mode
®
Operation: IQ = 40μA
Stable with Ceramic Capacitors
Current Mode Operation for Excellent Line
and Load Transient Response
Short-Circuit Protected
Low Dropout Operation: 100% Duty Cycle
Low Shutdown Current: IQ ≤ 1μA
Output Voltages from 0.8V to 5V
Synchronizable to External Clock
Supports Pre-Biased Outputs
Small 10-Lead 3mm × 3mm DFN or MSOP Package
Notebook Computers
Digital Cameras
Cellular Phones
Handheld Instruments
Board Mounted Power Supplies
SYNC/MODE
SYNC
LTC3411A
PVIN
SW
SVIN
PGOOD
ITH
SHDN/RT
PGND
SGND
VFB
2.2μH
VOUT
2.5V
1.25A
VIN
2.5V TO 5.5V
887k
22pF
412k
680pF
3411a TA01a
22μF
12.1k
10μF
549k
Efficiency and Power Loss vs Output Current
OUTPUT CURRENT (mA)
0.1
1
10
0
40
30
100
1
0.1
0.01
0.001
0.0001
1000
100
10000
3411A TA01b
20
10
60
50
80
70
90
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
fO = 1MHz
Burst Mode OPERATION
L, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners. Protected by
U.S. Patents including 5481178, 6580258, 6498466, 6611131.


Similar Part No. - LTC3411AIDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3411A LINER-LTC3411A Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411A LINER-LTC3411A_15 Datasheet
1Mb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3411AIDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3411 LINER-LTC3411 Datasheet
288Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565 Datasheet
599Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_15 Datasheet
812Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411A LINER-LTC3411A_15 Datasheet
1Mb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568_15 Datasheet
310Kb / 18P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com