Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3407AEDD-2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3407AEDD-2
Description  Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407AEDD-2 Datasheet(HTML) 5 Page - Linear Technology

  LTC3407AEDD-2 Datasheet HTML 1Page - Linear Technology LTC3407AEDD-2 Datasheet HTML 2Page - Linear Technology LTC3407AEDD-2 Datasheet HTML 3Page - Linear Technology LTC3407AEDD-2 Datasheet HTML 4Page - Linear Technology LTC3407AEDD-2 Datasheet HTML 5Page - Linear Technology LTC3407AEDD-2 Datasheet HTML 6Page - Linear Technology LTC3407AEDD-2 Datasheet HTML 7Page - Linear Technology LTC3407AEDD-2 Datasheet HTML 8Page - Linear Technology LTC3407AEDD-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3407A-2
5
3407a2f
Efficiency vs Load Current
LOAD CURRENT (mA)
1
0
30
20
10
70
60
50
40
100
90
80
10
100
1000
3407A2 G14
2.7V
4.2V
3.3V
VOUT = 1.5V Burst Mode OPERATION
Line Regulation
VIN (V)
2
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
4
6
3407A2 G15
35
VOUT = 1.8V
IOUT = 200mA
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Load Current
LOAD CURRENT (mA)
1
0
30
20
10
70
60
50
40
100
90
80
10
100
1000
3407A2 G13
2.7V
4.2V
VOUT = 1.2V Burst Mode OPERATION
3.3V
Efficiency vs Load Current
Efficiency vs Load Current
Load Regulation
Reference Voltage vs
Temperature
RDS(ON) vs Input Voltage
RDS(ON) vs Temperature
0.615
0.610
0.605
0.600
0.595
0.590
0.585
TEMPERATURE (
°C)
–50
25
75
3407A2 G07
–25
0
50
100
125
VIN = 3.6V
VIN (V)
1
500
450
400
350
300
250
200
46
3407A2 G08
2
3
57
MAIN
SWITCH
SYNCHRONOUS
SWITCH
TEMPERATURE (
°C)
–50
550
500
450
400
350
300
250
200
150
100
25
75
3407A2 G09
–25
0
50
100
150
125
MAIN SWITCH
SYNCHRONOUS SWITCH
VIN = 3.6V
VIN = 4.2V
VIN = 2.7V
LOAD CURRENT (mA)
1
0
30
20
10
70
60
50
40
100
90
80
10
100
1000
3407A2 G10
2.7V
VOUT = 2.5V Burst Mode OPERATION
CIRCUIT OF FIGURE 3
3.3V
4.2V
LOAD CURRENT (mA)
1
0
30
20
10
70
60
50
40
100
90
80
10
100
1000
3407A2 G11
Burst Mode OPERATION
PULSE SKIP MODE
VIN = 3.6V, VOUT = 1.8V
NO LOAD ON OTHER CHANNEL
LOAD CURRENT (mA)
1
–4
–3
1
0
–1
–2
4
3
2
10
100
1000
3407A2 G12
Burst Mode OPERATION
PULSE SKIP MODE
VIN = 3.6V, VOUT = 1.8V
NO LOAD ON OTHER CHANNEL
TA = 25°C unless otherwise specified.


Similar Part No. - LTC3407AEDD-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407AEDD-PBF LINER-LTC3407AEDD-PBF Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407AEDD-TRPBF LINER-LTC3407AEDD-TRPBF Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3407AEDD-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A Datasheet
250Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com