Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3410-1.875 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3410-1.875
Description  2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3410-1.875 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3410-1.875 Datasheet HTML 6Page - Linear Technology LTC3410-1.875 Datasheet HTML 7Page - Linear Technology LTC3410-1.875 Datasheet HTML 8Page - Linear Technology LTC3410-1.875 Datasheet HTML 9Page - Linear Technology LTC3410-1.875 Datasheet HTML 10Page - Linear Technology LTC3410-1.875 Datasheet HTML 11Page - Linear Technology LTC3410-1.875 Datasheet HTML 12Page - Linear Technology LTC3410-1.875 Datasheet HTML 13Page - Linear Technology LTC3410-1.875 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC3410-1.875
34101875f
Efficiency Considerations
The efficiency of a switching regulator is equal to the
output power divided by the input power times 100%. It is
often useful to analyze individual losses to determine what
is limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percentage
of input power.
Although all dissipative elements in the circuit produce
losses, two main sources usually account for most of the
losses in LTC3410-1.875 circuits: VIN quiescent current
and I2R losses. The VIN quiescent current loss dominates
the efficiency loss at very low load currents whereas the
I2R loss dominates the efficiency loss at medium to high
load currents. In a typical efficiency plot, the efficiency
curve at very low load currents can be misleading since the
actual power lost is of no consequence as illustrated in
Figure 2.
1. The VIN quiescent current is due to two components:
the DC bias current as given in the electrical character-
istics and the internal main switch and synchronous
switch gate charge currents. The gate charge current
results from switching the gate capacitance of the
internal power MOSFET switches. Each time the gate is
switched from high to low to high again, a packet of
charge, dQ, moves from VIN to ground. The resulting
dQ/dt is the current out of VIN that is typically larger than
the DC bias current. In continuous mode,
IGATECHG = f(QT + QB) where QT and QB are the
gate charges of the internal top and bottom
switches. Both the DC bias and gate charge
losses are proportional to VIN and thus their effects will
be more pronounced at higher supply voltages.
2. I2R losses are calculated from the resistances of the
internal switches, RSW, and external inductor RL. In
continuous mode, the average output current flowing
through inductor L is “chopped” between the main
switch and the synchronous switch. Thus, the series
resistance looking into the SW pin is a function of both
top and bottom MOSFET RDS(ON) and the duty cycle
(DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the Typical Performance Characteris-
tics curves. Thus, to obtain I2R losses, simply add RSW
to RL and multiply the result by the square of the average
output current.
Other losses including CIN and COUT ESR dissipative
losses and inductor core losses generally account for less
than 2% total additional loss.
APPLICATIO S I FOR ATIO
LOAD CURRENT (mA)
0.1
1
0.00001
0.001
1
10
100
1000
34101875 F02
0.0001
0.01
0.1
VIN = 3.6V
Figure 2. Power Loss vs Load Current


Similar Part No. - LTC3410-1.875

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3410-1.875 LINER-LTC3410-1.875 Datasheet
238Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410-1.875 LINER-LTC3410-1.875_15 Datasheet
238Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
More results

Similar Description - LTC3410-1.875

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3410-1.875 LINER-LTC3410-1.875_15 Datasheet
238Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410 LINER-LTC3410 Datasheet
331Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410 LINER-LTC3410_15 Datasheet
337Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410B LINER-LTC3410B_15 Datasheet
295Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410B LINER-LTC3410B Datasheet
290Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410ESC6 LINER-LTC3410ESC6 Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
LTC3544 LINER-LTC3544 Datasheet
290Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544B LINER-LTC3544B Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3406B-2 LINER-LTC3406B-2 Datasheet
213Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB-2 LINER-LTC3406AB-2_15 Datasheet
322Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com