Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3407AIDD-2-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3407AIDD-2-PBF
Description  Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407AIDD-2-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3407AIDD-2-PBF Datasheet HTML 4Page - Linear Technology LTC3407AIDD-2-PBF Datasheet HTML 5Page - Linear Technology LTC3407AIDD-2-PBF Datasheet HTML 6Page - Linear Technology LTC3407AIDD-2-PBF Datasheet HTML 7Page - Linear Technology LTC3407AIDD-2-PBF Datasheet HTML 8Page - Linear Technology LTC3407AIDD-2-PBF Datasheet HTML 9Page - Linear Technology LTC3407AIDD-2-PBF Datasheet HTML 10Page - Linear Technology LTC3407AIDD-2-PBF Datasheet HTML 11Page - Linear Technology LTC3407AIDD-2-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3407A-2
8
3407a2f
Input Capacitor (CIN) Selection
In continuous mode, the input current of the converter is
a square wave with a duty cycle of approximately VOUT/
VIN. To prevent large voltage transients, a low equivalent
series resistance (ESR) input capacitor sized for the maxi-
mum RMS current must be used. The maximum RMS
capacitor current is given by:
II
VV
V
V
RMS
MAX
OUT
IN
OUT
IN
(–
)
where the maximum average output current IMAX equals
the peak current minus half the peak-to-peak ripple cur-
rent, IMAX = ILIM – ΔIL/2.
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case is commonly used
to design because even significant deviations do not offer
much relief. Note that capacitor manufacturer’s ripple
current ratings are often based on only 2000 hours life-
time. This makes it advisable to further derate the capaci-
tor, or choose a capacitor rated at a higher temperature
than required. Several capacitors may also be paralleled to
meet the size or height requirements of the design. An
additional 0.1
μF to 1μF ceramic capacitor is also recom-
mended on VIN for high frequency decoupling, when not
using an all ceramic capacitor solution.
Table 1. Representative Surface Mount Inductors
MANU-
MAX DC
FACTURER
PART NUMBER
VALUE CURRENT
DCR
HEIGHT
Taiyo Yuden CB2016T2R2M
2.2
μH
510mA
0.13
Ω 1.6mm
CB2012T2R2M
2.2
μH
530mA
0.33
Ω 1.25mm
CB2016T3R3M
3.3
μH
410mA
0.27
Ω 1.6mm
Panasonic
ELT5KT4R7M
4.7
μH
950mA
0.2
Ω
1.2mm
Sumida
CDRH2D18/LD
4.7
μH
630mA
0.086
Ω
2mm
Murata
LQH32CN4R7M23 4.7
μH
450mA
0.2
Ω
2mm
Taiyo Yuden NR30102R2M
2.2
μH
1100mA
0.1
Ω
1mm
NR30104R7M
4.7
μH
750mA
0.19
Ω
1mm
FDK
FDKMIPF2520D
4.7
μH
1100mA
0.11
Ω
1mm
FDKMIPF2520D
3.3
μH
1200mA
0.1
Ω
1mm
FDKMIPF2520D
2.2
μH
1300mA
0.08
Ω
1mm
TDK
VLF3010AT4R7-
4.7
μH
700mA
0.28
Ω
1mm
MR70
VLF3010AT3R3-
3.3
μH
870mA
0.17
Ω
1mm
MR87
VLF3010AT2R2-
2.2
μH
1000mA
0.12
Ω
1mm
M1R0
APPLICATIO S I FOR ATIO
Inductor Selection
Although the inductor does not influence the operating
frequency, the inductor value has a direct effect on ripple
current. The inductor ripple current
ΔIL decreases with
higher inductance and increases with higher VIN or VOUT:
Δ =
⎝⎜
⎠⎟
I
V
fL
V
V
L
OUT
O
OUT
IN
•–
1
Accepting larger values of
ΔIL allows the use of low
inductances, but results in higher output voltage ripple,
greater core losses, and lower output current capability.
A reasonable starting point for setting ripple current is
ΔIL = 0.3 • ILIM, where ILIM is the peak switch current limit.
The largest ripple current
ΔIL occurs at the maximum
input voltage. To guarantee that the ripple current stays
below a specified maximum, the inductor value should be
chosen according to the following equation:
L
V
fI
V
V
OUT
OL
OUT
IN MAX
=
Δ
•–
()
1
The inductor value will also have an effect on Burst Mode
operation. The transition from low current operation be-
gins when the peak inductor current falls below a level set
by the burst clamp. Lower inductor values result in higher
ripple current which causes this transition to occur at
lower load currents. This causes a dip in efficiency in the
upper range of low current operation. In Burst Mode
operation, lower inductance values will cause the burst
frequency to increase.
Inductor Core Selection
Different core materials and shapes will change the size/
current and price/current relationship of an inductor.
Toroid or shielded pot cores in ferrite or permalloy mate-
rials are small and don’t radiate much energy, but gener-
ally cost more than powdered iron core inductors with
similar electrical characterisitics. The choice of which
style inductor to use often depends more on the price vs
size requirements and any radiated field/EMI require-
ments than on what the LTC3407A-2 requires to operate.
Table 1 shows some typical surface mount inductors that
work well in LTC3407A-2 applications.


Similar Part No. - LTC3407AIDD-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407AIDD-PBF LINER-LTC3407AIDD-PBF Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407AIDD-TRPBF LINER-LTC3407AIDD-TRPBF Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3407AIDD-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A Datasheet
250Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com